Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1539 Datasheet(PDF) 15 Page - ams AG

Part # AS1539
Description  8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1539 Datasheet(HTML) 15 Page - ams AG

Back Button AS1539 Datasheet HTML 11Page - ams AG AS1539 Datasheet HTML 12Page - ams AG AS1539 Datasheet HTML 13Page - ams AG AS1539 Datasheet HTML 14Page - ams AG AS1539 Datasheet HTML 15Page - ams AG AS1539 Datasheet HTML 16Page - ams AG AS1539 Datasheet HTML 17Page - ams AG AS1539 Datasheet HTML 18Page - ams AG AS1539 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
www.austriamicrosystems.com
Revision 1.02
15 - 20
AS1539/AS1541
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Reading with Internal Reference On/Off
The internal reference defaults to off when the AS1539/AS1541 power is on. If the reference (internal or external) is
continuously turned on and off, a proper amount of settling time must be added before a normal conversion cycle can
be started. The exact amount of settling time needed varies depending on the reference capacitor. For example for a
reference capacitor of 4.7µF and considering the output impedance of the internal reference of 30
Ω and the amount of
time to fully charge the capacitor will be 1.4ms. If the reference capacitor is not fully discharged this time can be
reduced greatly.
Figure 29 shows the correct internal reference enable sequence before issuing the typical read sequences required for
the mode when an internal reference is used.
Note: Typical read sequences can be re-used once the internal reference has settled.
Figure 29. Internal Reference Enable Sequence and Typical Read Sequence
Where:
A: Acknowledge (SDA Low)
N: Not Acknowledge (SDA High)
S: START Condition
P: STOP Condition
Sr: Repeated START Condition
W: 0 (Write)
R: 1 (Read)
X: Dont Care
S
1
0
0
1
0
A1
A0
W
X
X
X
X
1
X
X
X
A
A
Write-Addressing Byte
Command Byte
Internal-Reference Enable Sequence
P
Wait until required settling time reached
From Master to Slave
From Slave to Master
Internal-Reference
Enable Settling Time
Sr
1
0
0
1
0
A1
A0
W
SD
C2
C1
C0
1
PD0
X
X
A
A
Write-Addressing Byte
Command Byte
ADC Powerdown Mode
ADC Sampling Mode
0
0
0
0
D9
D8
D7
D6
D5
A
D0
N
P
D4 ... D0
Sr
1
0
0
1
0
A1
A0
R
A
ADC Conversion Mode
ADC Powerdown Mode *
Read-Addressing Byte
2 x (8-bits +ACK/NACK
Settled Internal Reference
Typical Mode Read Sequence
**
* Dependant on powerdown selection
bits PD0 and PD1.
** To remain in HS mode, use repeated
STARTs instead of STOPs
Settled Internal Reference
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com