Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PFR850 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PFR850
Description  FAST RECOVERY RECTIFIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PFR850 Datasheet(HTML) 1 Page - STMicroelectronics

  PFR850 Datasheet HTML 1Page - STMicroelectronics PFR850 Datasheet HTML 2Page - STMicroelectronics PFR850 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PFR850
→856
PRELIMINARY DATASHEET
®
August 1998 - Ed: 2A
FAST RECOVERY RECTIFIER DIODE
Symbol
Parameter
Value
Unit
IFRM
Repetive peak forward current
tp < 20
µs
100
A
IF (AV)
Average forward current*
Ta = 90°C
δ = 0.5
3A
IFSM
Surge non repetitive forward current
tp = 10ms
Sinusoidal
100
A
Ptot
Power dissipation *
Ta = 90°C
3.5
W
Tstg
Tj
Storage and junction temperature range
- 40 to + 175
- 40 to + 175
°C
TL
Maximum lead temperature for soldering during 10s at
4mn from case
230
°C
ABSOLUTE RATINGS (limiting values)
DO-201AD
(Plastic)
LOW FORWARD VOLTAGE DROP
HIGH SURGE CURRENT CAPABILITY
APPLICATIONS
AC-DC POWER SUPPLIES AND
CONVERTERS
FREE WHEELING DIODES, etc.
Their high efficiency and high reliability combined
with small size and low cost make these fast recov-
ery rectifier diode very attractive components for
many demanding applications.
DESCRIPTION
Symbol
Parameter
PFR
Unit
850
851
852
854
856
VRRM
Repetitive peak revrse voltage
50
100
200
400
600
V
VRSM
Non repetitive peak reverse voltage
75
150
250
450
650
V
1/3


Similar Part No. - PFR850

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
PFR850 NJSEMI-PFR850 Datasheet
49Kb / 1P
GENERAL PURPOSE INDUSTRIAL
logo
STMicroelectronics
PFR850S STMICROELECTRONICS-PFR850S Datasheet
30Kb / 3P
FAST RECOVERY RECTIFIER DIODES
Aug-1996
More results

Similar Description - PFR850

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT08P-1000 STMICROELECTRONICS-BYT08P-1000 Datasheet
46Kb / 4P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT12P-1000 STMICROELECTRONICS-BYT12P-1000 Datasheet
99Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT3400B STMICROELECTRONICS-BYT3400B Datasheet
43Kb / 3P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
EIC discrete Semiconduc...
EU1C EIC-EU1C Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIER DIODE
logo
Semikron International
SKN3F20 SEMIKRON-SKN3F20 Datasheet
451Kb / 3P
Fast Recovery Rectifier Diode
SKR48F SEMIKRON-SKR48F Datasheet
267Kb / 3P
Fast Recovery Rectifier Diode
SKN136F SEMIKRON-SKN136F Datasheet
358Kb / 3P
Fast Recovery Rectifier Diode
logo
STMicroelectronics
BYT30PI-1000RG STMICROELECTRONICS-BYT30PI-1000RG Datasheet
112Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Taiwan Semiconductor Co...
ES0406D1 TSC-ES0406D1 Datasheet
88Kb / 3P
Fast Recovery Rectifier Diode
logo
EIC discrete Semiconduc...
EP01C EIC-EP01C Datasheet
133Kb / 2P
FAST RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com