Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7719 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7719
Description  3 band car audio processor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7719 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7719 Datasheet HTML 8Page - STMicroelectronics TDA7719 Datasheet HTML 9Page - STMicroelectronics TDA7719 Datasheet HTML 10Page - STMicroelectronics TDA7719 Datasheet HTML 11Page - STMicroelectronics TDA7719 Datasheet HTML 12Page - STMicroelectronics TDA7719 Datasheet HTML 13Page - STMicroelectronics TDA7719 Datasheet HTML 14Page - STMicroelectronics TDA7719 Datasheet HTML 15Page - STMicroelectronics TDA7719 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
Electrical specifications and characteristics
TDA7719
12/45
VDC
DC steps
Adjacent attenuation steps
0.1
5
mV
Subwoofer lowpass
fLP
(2)
Lowpass corner frequency
fLP1
72
80
88
Hz
fLP2
108
120
132
Hz
fLP3
144
160
176
Hz
DC offset detection circuit
Vth
Zero comp window size
V2
±20
±50
±80
mV
V3
±30
±75
±110
mV
V4
±60
±100
±140
mV
tsp
Max rejected spike length
511
25
µs
10
22
50
µs
15
33
75
µs
20
44
100
µs
ICHDCErr
DCErr charge current
1
5
10
µA
IDISDCErr
DCErr discharge current
3.5
5
6.5
mA
VOutH
DCErr high volotage
3
3.3
3.6
V
VOutH
DCErr low voltage
100
300
mV
Level meter
Vout
Output voltage range
0
3.4
V
VLEVEL
Output level
Vin = 1Vrms
1.2
1.6
2.0
V
Vin = AC Grounded
-0.5
0
0.5
V
TDEL
Analog output delay time
2
µs
General
eNO
Output noise
BW=20Hz to 20kHz A-
Weighted, all gain = 0dB
12
30
µV
BW=20Hz - 20kHz A-
Weighted, Output muted
625
µV
S/N
Signal to noise ratio
all gain = 0dB, A-weighted;
Vo = 2VRMS
104
dB
D
Distortion
VIN =1VRMS; all stages 0dB
0.01
0.2
%
SC
Channel separation left/right
80
90
dB
1.
When DC offset detector is not used, the impedance of mono single-ended input is 50k
Ω instead of 100kΩ
2.
Minimun, typical and maximum are calculate in according to simulation result. Functionality is guaranteed by measuring a
directly correlated parameter.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com