Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD1274 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1274
Description  RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1274 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1274 Datasheet HTML 1Page - STMicroelectronics SD1274 Datasheet HTML 2Page - STMicroelectronics SD1274 Datasheet HTML 3Page - STMicroelectronics SD1274 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VHF MOBILE APPLICATIONS
RF & MICROWAVE TRANSISTORS
.380 4L STUD (M135)
epoxy sealed
.
160 MHz
.
13.6 VOLTS
.
COMMON EMITTER
.
POUT
= 30 W MIN. WITH 10 dB GAIN
DESCRIPTION
The SD1274 is a 13.6 V Class C epitaxial silicon
NPN planar transistor designed primarily for VHF
communications. The SD1274 utilizes an emitter
ballasted die geometry to withstand severe load
mismatch conditions.
PIN CONNECTION
BRANDING
SD1274
ORDER CODE
SD1274
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
36
V
VCEO
Collector-Emitter Voltage
16
V
VCES
Collector-Emitter Voltage
36
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
8.0
A
PDISS
Power Dissipation
70
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
1.2
°C/W
SD1274
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
June 1993
1/4


Similar Part No. - SD1274

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD1274 ETC1-SD1274 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
SD1274-01 STMICROELECTRONICS-SD1274-01 Datasheet
79Kb / 7P
RF POWER BIPOLAR TRANSISTORS VHF MOBILE APPLICATIONS
24-May-2004
logo
List of Unclassifed Man...
SD1274-01 ETC1-SD1274-01 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
Advanced Semiconductor
SD1274-01 ASI-SD1274-01 Datasheet
34Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
More results

Similar Description - SD1274

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1275-01 STMICROELECTRONICS-SD1275-01 Datasheet
59Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1275 STMICROELECTRONICS-SD1275 Datasheet
56Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1477 STMICROELECTRONICS-SD1477 Datasheet
64Kb / 6P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1505 ADPOW-MS1505 Datasheet
115Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1251 ADPOW-MS1251 Datasheet
193Kb / 6P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1261 ADPOW-MS1261 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1506 ADPOW-MS1506 Datasheet
88Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1014-06 ADPOW-SD1014-06 Datasheet
119Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1003 ADPOW-MS1003 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1337 ADPOW-MS1337 Datasheet
108Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com