Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FH-SCX12 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # FH-SCX12
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FH-SCX12 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button FH-SCX12 Datasheet HTML 17Page - Omron Electronics LLC FH-SCX12 Datasheet HTML 18Page - Omron Electronics LLC FH-SCX12 Datasheet HTML 19Page - Omron Electronics LLC FH-SCX12 Datasheet HTML 20Page - Omron Electronics LLC FH-SCX12 Datasheet HTML 21Page - Omron Electronics LLC FH-SCX12 Datasheet HTML 22Page - Omron Electronics LLC FH-SCX12 Datasheet HTML 23Page - Omron Electronics LLC FH-SCX12 Datasheet HTML 24Page - Omron Electronics LLC FH-SCX12 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
FH-Series
21
*1 The image acquisition time does not include the image conversion processing time of the sensor controller.
The camera image input time varies depending on the sensor controller model, number of cameras, and camera settings. Check before you use the camera.
*2 Up to four cameras of this model can be connected to one controller. Up to eight cameras including other models can be connected to an FH-5550-20, 5050-20 or
2050-20.
*3 Frame rate in high speed mode when the camera is connected using two camera cables. For other conditions, refer to the table on the next page.
*4 The image acquisition time does not include the image conversion processing time of the sensor controller.
*5 Two Camera ports of the controller are used per one camera.
*6 Up to 5 m Camera Cable length.
Camera Cables
*1 This Cable has an L-shaped connector on the Camera end.
*2 The maximum cable length depends on the camera being connected, and the model and length of the cable being used. For further information, refer to the
Cameras / Cables Connection Table and Maximum Extension Length Using Cable Extension Units FZ-VSJ table.
When a High-speed Digital CMOS Camera FH-S
@02/-S@04/-S@12/-S@X03/-S@X05/-S@X12/-S@21R is used in the high speed mode of transmission speed, two
camera cables are required.
*3 Insert the cables length into
@ in the model number as follows. 2 m = 2, 3 m = 3, 5 m = 5, 10 m = 10
Small Digital
CCD Cameras
(Lens required)
Lenses for small
camera required
300,000-pixel flat type
Color
12.5 ms
FZ-SFC
Monochrome
FZ-SF
300,000-pixel pen type
Color
12.5 ms
FZ-SPC
Monochrome
FZ-SP
Intelligent
Compact Digital
CMOS Camera
Built-in lens
Narrow view
Color
16.7 ms
FZ-SQ010F
Standard view
Color
FZ-SQ050F
Wide View (long-distance)
Color
FZ-SQ100F
Wide View (short-distance)
Color
FZ-SQ100N
Model
FH-
SM02
FH-
SC02
FH-
SM04
FH-
SC04
FH-
SM12
FH-
SC12
FH-
SMX
FH-
SCX
FH-
SMX01
FH-
SCX01
FH-
SMX03
FH-
SCX03
FH-
SMX05
FH-
SCX05
FH-
SMX12
FH-
SCX12
FH-
SM21R
FH-
SC21R
Image
Acquisition
Time
*4
2Cables
*5
High
Speed
Mode *6
4.6 ms
8.5 ms
25.7 ms
---
---
6.6 ms
10.3 ms
24.9 ms
42.6 ms
Standard
Mode
9.7 ms
17.9 ms
51.3 ms
---
---
14.1 ms
22.1 ms
53.5 ms
90.1 ms
1 Cables
High
Speed
Mode *6
9.2 ms
17.0 ms
51.3 ms
1.9 ms
6.5 ms
13.2 ms
20.6 ms
50.0 ms
83.3 ms
Standard
Mode
19.3 ms
35.8 ms
102.0 ms
3.8 ms
14.7 ms
28.2 ms
44.1 ms
106.4 ms
175.4 ms
Item
Descriptions
Model *3
Camera Cable
Cable length: 2 m, 3 m, 5 m, or 10 m *2
FZ-VS3
@M
Bend resistant Camera Cable
Cable length: 2 m, 3 m, 5 m, or 10 m *2
FZ-VSB3
@M
Super Bend resistant Camera Cable
Cable length: 5 m or 10 m
FZ-VSBX
@M
Right-angle Camera Cable *1
Cable length: 2 m, 3 m, 5 m, or 10 m *2
FZ-VSL3
@M
Bend resistant Right-angle Camera Cable *1
Cable length: 2 m, 3 m, 5 m, or 10 m *2
FZ-VSLB3
@M
Long-distance Camera Cable
Cable length: 15 m *2
FZ-VS4 15M
Long-distance Right-angle Camera Cable *1
Cable length: 15 m *2
FZ-VSL4 15M
Cable Extension Unit
Up to two Extension Units and three Cables can be connected. (Maximum cable length: 45 m *2)
FZ-VSJ
Item
Lens mount
Descriptions
Color /
Monochrome
Image Acquisition
Time *1
Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com