Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FH-SM/SC Datasheet(PDF) 42 Page - Omron Electronics LLC

Part # FH-SM/SC
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FH-SM/SC Datasheet(HTML) 42 Page - Omron Electronics LLC

Back Button FH-SM/SC Datasheet HTML 38Page - Omron Electronics LLC FH-SM/SC Datasheet HTML 39Page - Omron Electronics LLC FH-SM/SC Datasheet HTML 40Page - Omron Electronics LLC FH-SM/SC Datasheet HTML 41Page - Omron Electronics LLC FH-SM/SC Datasheet HTML 42Page - Omron Electronics LLC FH-SM/SC Datasheet HTML 43Page - Omron Electronics LLC FH-SM/SC Datasheet HTML 44Page - Omron Electronics LLC FH-SM/SC Datasheet HTML 45Page - Omron Electronics LLC FH-SM/SC Datasheet HTML 46Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
FH-Series
42
Cameras
FH-SCX
FH-SMX
400,000-pixel camera
FH-SCX01
FH-SMX01
1.6 million-pixel camera
1"-32UNF
(C MOUNT)
Three, M2 mounting
holes with a depth
of 3.0 mm
Two, M4 mounting
holes with a depth
of 5.5 mm
1/4” 20UNC with a
depth of 5.5 mm
10.5
40
14.5
22
22
14.5
9.5 9.5
10.5
5.5
33.5
Three, M2 mounting
holes with a depth of
3.0 mm (both sides)
28
24
OPTICAL AXIS
1"-32UNF
(C MOUNT)
7
12 22.7
38
(8.2)
34
30
40
12 22.7
13 19
9.5
11.1
FH-SC
FH-SM
300,000-pixel camera
Four, M4 mounting
holes with a depth
of 4.0 mm
Four, M4 mounting
holes with a depth of 4.0 mm
Four, M4 mounting holes
with a depthof 4.0 mm
Two, M4 mounting
holes with a depth
of 5.5 mm
1/4” 20UNC with a
depth of 5.5 mm
9.5
14.5 22.7
40.5
(8.2)
30
40
34
14.5 22.7
9.5
19
15.5
22.2
FH-SC02
FH-SM02
2 million-pixel camera
FH-SC04
FH-SM04
4 million-pixel camera
Four, M4 mounting
holes with a depth
of 4.0 mm
1"-32UNF
(C MOUNT)
Four, M4 mounting holes
with a depth of 4.0 mm
Two, M4 mounting
holes with a depth
of 5.5 mm
1/4” 20UNC with a
depth of 5.5 mm
Four, M4 mounting holes
with a depth of 4.0 mm
High-speed Digital CMOS Camera/Digital CMOS Camera
FZ-S5M3
FZ-SC5M3
Two, M4 mounting holes
with a depth of 5.5 mm
14.5
22.7
Four, M4 mounting holes
with a depth of 4.0 mm
(Three Commonness)
2-4.5 dia.
19±0.1
35
36
dia.
34
10.5
40.7
(1)
15.5 9.5 9.5
31.7
10
4-R2.5
1"-32UNF
(C MOUNT)
1/4"-20UNC with
a depth of 5.5 mm
Mounting Holes
FH-SM05R
FH-SC05R
5 million-pixel camera
1/4"-20UNC with
a depth of 5.5 mm
(for tripod mount)
22
(47.3)
9.5
9.5
10.5
40
22
14.5
5.4
11
14.5
33.5
5.5
28
Two, M4 mounting holes
with a depth of 5.5 mm
Three, M2 mounting holes
with a depth of 3 mm
(both sides)
U1 (C mount screw)
Three, M2 mounting holes
with a depth of 3 mm
OPTICAL AXIS
Four, M4 mounting
holes with a depth
of 4.0 mm
FH-SCX03
FH-SMX03
3.2 million-pixel
camera
FH-SCX12
FH-SMX12
12 million-pixel
camera
FH-SC21R
FH-SM21R
20.4 million-pixel
camera
FH-SCX05
FH-SMX05
5 million-pixel
camera
(1)
Three, M4 mounting
holes with a depth of
4.0 mm (both sides)
Two, M4 mounting
holes with a depth
of 5.5 mm
1/4" 20UNC with
a depth of 5.5 mm
10.5
40.7
22.7
14.5
14.5 22.7
10
31.7
9.5 9.5
15.5
35
36 dia.
34
1"-32UNF
(C MOUNT)
FH-SC12
FH-SM12
12 million-pixel camera
10
40
5
31
40
(5)
IMAGE
AREA
68
58
43.6
OPTICAL AXIS
5
31
5 31
36
LED
Four, M4 mounting
holes with a depth
of 5.0 mm
Four, M4 mounting
holes with a depth
of 5.0 mm
Four, M4 mounting
holes with a depth
of 5.0 mm
Four, M4 mounting
holes with a depth
of 5.0 mm
Four, M4 mounting
holes with a depth
of 5.0 mm
(For Fmount adapter)
M42 x P1.0
holes with
a depth
of 6.5 mm
(M42 MOUNT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com