Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M95080-RBN1T Datasheet(PDF) 17 Page - STMicroelectronics

Part # M95080-RBN1T
Description  64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-RBN1T Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M95080-RBN1T Datasheet HTML 11Page - STMicroelectronics M95080-RBN1T Datasheet HTML 12Page - STMicroelectronics M95080-RBN1T Datasheet HTML 13Page - STMicroelectronics M95080-RBN1T Datasheet HTML 14Page - STMicroelectronics M95080-RBN1T Datasheet HTML 15Page - STMicroelectronics M95080-RBN1T Datasheet HTML 16Page - STMicroelectronics M95080-RBN1T Datasheet HTML 17Page - STMicroelectronics M95080-RBN1T Datasheet HTML 18Page - STMicroelectronics M95080-RBN1T Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17/39
M95640, M95320
Figure 13. Read from Memory Array (READ) Sequence
Note: Depending on the memory size, as shown in Table 6, the most significant address bits are Don’t Care.
Read from Memory Array (READ)
As shown in Figure 13, to send this instruction to
the device, Chip Select (S) is first driven Low. The
bits of the instruction byte and address bytes are
then shifted in, on Serial Data Input (D). The ad-
dress is loaded into an internal address register,
and the byte of data at that address is shifted out,
on Serial Data Output (Q).
If Chip Select (S) continues to be driven Low, the
internal address register is automatically incre-
mented, and the byte of data at the new address is
shifted out.
When the highest address is reached, the address
counter rolls over to zero, allowing the Read cycle
to be continued indefinitely. The whole memory
can, therefore, be read with a single READ instruc-
tion.
The Read cycle is terminated by driving Chip Se-
lect (S) High. The rising edge of the Chip Select
(S) signal can occur at any time during the cycle.
The first byte addressed can be any byte within
any page.
The instruction is not accepted, and is not execut-
ed, if a Write cycle is currently in progress.
C
D
AI01793D
S
Q
15
2
1
3456789 10
20 21 22 23 24 25 26 27
14 13
3210
28 29 30
76543
1
7
0
High Impedance
Data Out 1
Instruction
16-Bit Address
0
MSB
MSB
2
31
Data Out 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com