Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD1398 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1398
Description  RF & MICROWAVE TRANSISTORS 850-960 MHz APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1398 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1398 Datasheet HTML 1Page - STMicroelectronics SD1398 Datasheet HTML 2Page - STMicroelectronics SD1398 Datasheet HTML 3Page - STMicroelectronics SD1398 Datasheet HTML 4Page - STMicroelectronics SD1398 Datasheet HTML 5Page - STMicroelectronics SD1398 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
850-960 MHz APPLICATIONS
RF & MICROWAVE TRANSISTORS
.230 6LFL (M142)
epoxy sealed
.
850 - 960 MHZ
.
24 VOLTS
.
COMMON EMITTER
.
OVERLAY GEOMETRY
.
GOLD METALLIZATION
.
POUT
= 6.0 W MIN. WITH 10.0 dB GAIN
DESCRIPTION
The SD1398 is a gold metallized epitaxial silicon
NPN transistor designed for high linearity Class
AB operation cellular base station applications. The
SD1398 can also be operated Class C.
The SD1398 is internally input matched and can
be used as a driver for the SD1423 or SD1424.
PIN CONNECTION
BRANDING
SD1398
ORDER CODE
SD1398
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
50
V
VCES
Collector-Emitter Voltage
35
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
2.4
A
PDISS
Power Dissipation
53
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
3.3
°C/W
SD1398
1. Collector
3. Emitter
2. Base
THERMAL DATA
September 8, 1993
1/6


Similar Part No. - SD1398

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1390 STMICROELECTRONICS-SD1390 Datasheet
50Kb / 5P
RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
23-Aug-1996
SD1391 STMICROELECTRONICS-SD1391 Datasheet
56Kb / 5P
RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
23-Aug-1996
SD1391 STMICROELECTRONICS-SD1391 Datasheet
56Kb / 5P
RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
23-Aug-1996
More results

Similar Description - SD1398

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1414-12 STMICROELECTRONICS-SD1414-12 Datasheet
50Kb / 6P
RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
Dec-1999
SD1414 STMICROELECTRONICS-SD1414 Datasheet
62Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
Mar-1993
SD1660 STMICROELECTRONICS-SD1660 Datasheet
75Kb / 7P
RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
Nov-1992
SD1680 STMICROELECTRONICS-SD1680 Datasheet
98Kb / 7P
RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
Nov-1992
SD4017 STMICROELECTRONICS-SD4017 Datasheet
87Kb / 7P
RF & MICROWAVE TRANSISTORS 806-960 MHz CELLULAR BASE STATIONS
19-Jul-1994
logo
Microsemi Corporation
SD1013-3 MICROSEMI-SD1013-3 Datasheet
676Kb / 7P
RF & MICROWAVE TRANSISTORS 108-152 MHz APPLICATIONS
SD1015 MICROSEMI-SD1015 Datasheet
568Kb / 5P
RF & MICROWAVE TRANSISTORS 108-152 MHz APPLICATIONS
SD1019 MICROSEMI-SD1019 Datasheet
613Kb / 6P
RF & MICROWAVE TRANSISTORS 108-152 MHz APPLICATIONS
logo
Advanced Power Technolo...
MS1455 ADPOW-MS1455 Datasheet
132Kb / 4P
RF & MICROWAVE TRANSISTORS 800 - 900 MHz APPLICATIONS
MS1451 ADPOW-MS1451 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS 800-960 MHz BASE STATION APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com