Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STD3NK80Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD3NK80Z
Description  N-channel 800V - 3.8Ω - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3NK80Z Datasheet(HTML) 3 Page - STMicroelectronics

  STD3NK80Z Datasheet HTML 1Page - STMicroelectronics STD3NK80Z Datasheet HTML 2Page - STMicroelectronics STD3NK80Z Datasheet HTML 3Page - STMicroelectronics STD3NK80Z Datasheet HTML 4Page - STMicroelectronics STD3NK80Z Datasheet HTML 5Page - STMicroelectronics STD3NK80Z Datasheet HTML 6Page - STMicroelectronics STD3NK80Z Datasheet HTML 7Page - STMicroelectronics STD3NK80Z Datasheet HTML 8Page - STMicroelectronics STD3NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
Electrical ratings
3/18
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220 / DPAK
IPAK
TO-220FP
VDS
Drain-source voltage (VGS = 0)
800
V
VDGR
Drain-gate voltage (RGS = 20KΩ)800
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
2.5
2.5 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC=100°C
1.57
1.57 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
10
10 (1)
A
PTOT
Total dissipation at TC = 25°C
70
25
W
Derating factor
0.56
0.2
W/°C
VESD(G-S)
Gate source ESD
(HBM-C=100pF, R=1.5
ΚΩ)
2V
dv/dt (3)
3.
ISD ≤2.5A, di/dt ≤200A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX.
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (DC)
-
2500
V
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
TO-220FP
DPAK
IPAK
Rthj-case Thermal resistance junction-case max
1.78
5
1.78
°C/W
Rthj-a
Thermal resistance junction-ambient
max
62.5
100
°C/W
Tl
Maximum lead temperature for
soldering purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com