Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD1448 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1448
Description  RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1448 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1448 Datasheet HTML 1Page - STMicroelectronics SD1448 Datasheet HTML 2Page - STMicroelectronics SD1448 Datasheet HTML 3Page - STMicroelectronics SD1448 Datasheet HTML 4Page - STMicroelectronics SD1448 Datasheet HTML 5Page - STMicroelectronics SD1448 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TEST CIRCUIT
C1
: 22mF, 63V Sprague
C2, C6,
C8, C15
: 4.7nF Chip LCC
C3, C7, C9,
C11, C16 : 100nF Chip LCC
C4, C10
: 4.7
µF, 40V Sprague
C5, C15
: 4.7
µF, 63V Sprague
C12, C17,
C18
: 470pF Chip LCC
C13, C25 : 47pF ATC 100B
C19
: 47pF ATC 100A
C20
: 0.5 - 4.5pF Adjustable Airtronic
C21, C24 : 0.8 - 5pF Adjustable Johanson
C22
: 10pF ATC 100A
C23
: 15pF ATC 100B
D1
: 1N 4001 or 1N 914
L1
: 50
Ω Transmission Line, Length 18mm
L2
: 50
Ω Transmission Line, Length 22mm
L3
: 16.4
Ω Transmission Line, Length 12mm
L’3
: 10.5
Ω Transmission Line, Length 3.5mm
L4
: 20
Ω Transmission Line, Length 13mm
L5
: 50
Ω Transmission Line, Length 2.5mm
L6
: 20
Ω Transmission Line, Length 23mm
L7
: 4
Ω Transmission Line, Length 8% λ at 860 MHz
L8
: 55
Ω Transmission Line, Length 7.5% λ at 860 MHz
L9
: 7.5
Ω Transmission Line, Length 8% λ at 860 MHz
L10
: 100
Ω Transmission Line, Length 8% λ at 860 MHz
L11
: 20
Ω Transmission Line, Length 8% λ at 860 MHz
L12
: 50
Ω Transmission Line, Length 5mm
L13
: 50
Ω Transmission Line, Length 12mm
P1
: 3.3k
Ω Adjustable
R1
: 2.2
Ω, 3W SFERNICE
R2
: 100
Ω, 1/2W
R3
: 51
Ω, 1/2W
R4, R6 : 100
Ω, 1/2W
R5, R7 : 56
Ω,1W
T1
: BDX 54 B
S1
: 6 Turns, Wire Diameter 0.5mm on 2.5mm Internal
Diameter
S2
: 10 to 12 Turns on R6, Wire Diameter 0.5mm
PC Board
Material
: Er
= 2.5, .020” Thick
SD1448 (TCC598)
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com