Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD1449 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1449
Description  RF & MICROWAVE TRANSISTORS UHF TVLINEAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1449 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1449 Datasheet HTML 1Page - STMicroelectronics SD1449 Datasheet HTML 2Page - STMicroelectronics SD1449 Datasheet HTML 3Page - STMicroelectronics SD1449 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UHF TV\LINEAR APPLICATIONS
RF & MICROWAVE TRANSISTORS
.280 4L STUD (M122)
epoxy sealed
.
860 MHz
.
20 VOLTS
.
COMMON EMITTER
.
GOLD METALLIZATION
.
CLASS A LINEAR OPERATION
.
POUT
= 1.0 W MIN. WITH 10.0 dB GAIN
DESCRIPTION
The SD1449 is a silicon NPN bipolar device spe-
cifically designed for high linearity applications in
the UHF frequency range including TV Bands IV
and V.
Gold metallization and emitter ballasting assure
high reliability under Class A linear amplifier op-
eration.
PIN CONNECTION
BRANDING
TCC597
ORDER CODE
SD1449
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
45
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
1.2
A
PDISS
Power Dissipation
19.4
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
9.0
°C/W
SD1449 (TCC597)
1. Collector
3. Base
2. Emitter
4. Emitter
THERMAL DATA
July 27, 1994
1/4


Similar Part No. - SD1449

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SD1440 HONEYWELL-ACC-SD1440 Datasheet
415Kb / 4P
Silicon Phototransistor
SD1440 HONEYWELL-ACC-SD1440 Datasheet
415Kb / 4P
Silicon Phototransistor
logo
Honeywell Solid State E...
SD1440 HONEYWELL-SD1440 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
February 2012
logo
Honeywell Accelerometer...
SD1440-002 HONEYWELL-ACC-SD1440-002 Datasheet
415Kb / 4P
Silicon Phototransistor
SD1440-004 HONEYWELL-ACC-SD1440-004 Datasheet
415Kb / 4P
Silicon Phototransistor
More results

Similar Description - SD1449

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM80610-030 STMICROELECTRONICS-AM80610-030 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
rev. A
SD1135 STMICROELECTRONICS-SD1135 Datasheet
52Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1433 STMICROELECTRONICS-SD1433 Datasheet
59Kb / 5P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Nov-1992
SD1434 STMICROELECTRONICS-SD1434 Datasheet
73Kb / 5P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1458 STMICROELECTRONICS-SD1458 Datasheet
49Kb / 5P
RF & MICROWAVE TRANSISTORS TVLINEAR APPLICATIONS
Nov-1992
SD1463 STMICROELECTRONICS-SD1463 Datasheet
36Kb / 3P
RF & MICROWAVE TRANSISTORS VHF/UHF APPLICATIONS
23-Aug-1996
SD1563 STMICROELECTRONICS-SD1563 Datasheet
106Kb / 7P
RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
07-Sep-1994
logo
Advanced Power Technolo...
MS1480 ADPOW-MS1480 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
SD4012 ADPOW-SD4012 Datasheet
106Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
SD1422 ADPOW-SD1422 Datasheet
126Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com