Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD1480 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SD1480
Description  RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1480 Datasheet(HTML) 5 Page - STMicroelectronics

  SD1480 Datasheet HTML 1Page - STMicroelectronics SD1480 Datasheet HTML 2Page - STMicroelectronics SD1480 Datasheet HTML 3Page - STMicroelectronics SD1480 Datasheet HTML 4Page - STMicroelectronics SD1480 Datasheet HTML 5Page - STMicroelectronics SD1480 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
C1
: .080pF Arco 462
C2
: 25mF Underwood
C3
: 2.020pF Arco 402
C4, C5
: 15pF Underwood
C6
: 240pF ATC Chip Capacitor
C7
: 270pF ATC Chip Capacitor
C8
: 150pF Underwood
C9
: 180pF Underwood
C10
: 100pF Underwood
C11
: 8.20pF Johanson JMC5501
C12
: 33pF Underwood
C13, C15 : .15
µF Disc Capacitor
C14
: 100pF Underwood
C16
: 10
µF Electrolytic
L1
: See Detail A
L2
: Ferroxcube VK200 19/4B
L3
: 1 Turn #16 AWG 250 I.D. Close Wound
L4
:
5 Turns #16 AWG 250 I.D. Close Wound
Z1
: Microstrip, .330” W x 1.600” L
Z2
: Microstrip, .200” W x .400” L
Z3
: Microstrip, .200” W x .600” L
Z4
: Microstrip, .200” W x 1.600” L
PCB:
3M 1oz. Doulbe Sided 1/16” Teflon-Glass, Er
= 2.5
TEST CIRCUIT
SD1480
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com