Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD1492 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1492
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1492 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1492 Datasheet HTML 1Page - STMicroelectronics SD1492 Datasheet HTML 2Page - STMicroelectronics SD1492 Datasheet HTML 3Page - STMicroelectronics SD1492 Datasheet HTML 4Page - STMicroelectronics SD1492 Datasheet HTML 5Page - STMicroelectronics SD1492 Datasheet HTML 6Page - STMicroelectronics SD1492 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TV/LINEAR APPLICATIONS
RF & MICROWAVE TRANSISTORS
2 x . 437 x .450 2LFL (M175)
epoxy sealed
.
470 - 860 MHz
.
28 VOLTS
.
CLASS AB PUSH PULL
.
DESIGNED FOR HIGH POWER
CAPABILITY
.
GOLD METALLIZATION
.
DIFFUSED EMITTER BALLAST
RESISTORS
.
COMMON EMITTER CONFIGURATION
.
INTERNAL INPUT MATCHING
.
POUT
= 150 W MIN. WITH 6.5 dB GAIN
DESCRIPTION
The SD1492 is a gold metallized epitaxial silicon
NPN planar transistor using diffused emitter ballast
resistors for high linearity Class AB operation in
UHF and Band IV, V television transmitters and
transposers.
PIN CONNECTION
BRANDING
SD1492
ORDER CODE
SD1492
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
3.0
V
IC
Device Current
25
A
PDISS
Power Dissipation
318
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
0.55
°C/W
SD1492
1. Collector
3. Emitter
2. Base
THERMAL DATA
November 1992
1/7


Similar Part No. - SD1492

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
SD1492 ASI-SD1492 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
SD1492-2 ASI-SD1492-2 Datasheet
24Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - SD1492

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1456 STMICROELECTRONICS-SD1456 Datasheet
95Kb / 5P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Nov-1992
SD1459 STMICROELECTRONICS-SD1459 Datasheet
60Kb / 5P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
09-Sep-1993
SD1476 STMICROELECTRONICS-SD1476 Datasheet
90Kb / 8P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1277 ADPOW-MS1277 Datasheet
122Kb / 4P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1278 ADPOW-MS1278 Datasheet
136Kb / 4P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1279 ADPOW-MS1279 Datasheet
123Kb / 4P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1508 ADPOW-MS1508 Datasheet
115Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1533 ADPOW-MS1533 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1576 ADPOW-MS1576 Datasheet
298Kb / 4P
RF & MICROWAVE TRANSISTORS TV LINEAR APPLICATIONS
MS1582 ADPOW-MS1582 Datasheet
119Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com