Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BUY69A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUY69A
Description  isc Silicon NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUY69A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUY69A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUY69A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc Silicon NPN Transistor
BUY69A
www.iscsemi.com
1
DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= 400V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat):3.3V(Max) @IC= 8A
APPLICATIONS
· CTV horizontal deflection output
· High- voltage fast switching
· Industrial power switching
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
1000
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
8
V
IC
Collector Current-Continuous
10
A
ICM
Collector Current-Peak,tp≤10ms
15
A
IB
Base Current-Continuous
3
A
PC
Total Power Dissipation
100
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.75
℃
/W


Similar Part No. - BUY69A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUY69A MOSPEC-BUY69A Datasheet
74Kb / 2P
POWER TRANSISTORS(10A,200-400V,100W)
logo
STMicroelectronics
BUY69A STMICROELECTRONICS-BUY69A Datasheet
29Kb / 4P
HIGH VOLTAGE NPN SILICON TRANSISTOR
Jun-1998
logo
Central Semiconductor C...
BUY69A CENTRAL-BUY69A Datasheet
53Kb / 1P
Power Transistors
logo
STMicroelectronics
BUY69A STMICROELECTRONICS-BUY69A Datasheet
44Kb / 4P
HIGH VOLTAGE NPN SILICON TRANSISTOR
Oct-2003
logo
Savantic, Inc.
BUY69A SAVANTIC-BUY69A Datasheet
112Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BUY69A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N3583 ISC-2N3583 Datasheet
158Kb / 2P
isc Silicon NPN Power Transistor
2N6739 ISC-2N6739 Datasheet
202Kb / 2P
isc Silicon NPN Power Transistor
2SC937 ISC-2SC937 Datasheet
263Kb / 2P
isc Silicon NPN Power Transistor
2SC3198 ISC-2SC3198 Datasheet
214Kb / 2P
isc Silicon NPN Transistor
2SC1815 ISC-2SC1815 Datasheet
169Kb / 2P
isc Silicon NPN Transistor
2SC2120 ISC-2SC2120 Datasheet
168Kb / 2P
isc Silicon NPN Transistor
2SC1815 ISC-2SC1815_19 Datasheet
235Kb / 2P
isc Silicon NPN Transistor
MMBT3904 ISC-MMBT3904 Datasheet
262Kb / 2P
isc Silicon NPN Transistor
2SD965 ISC-2SD965 Datasheet
291Kb / 3P
isc NPN Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com