Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSM1052 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSM1052
Description  Constant voltage and constant current controller for battery chargers and adapters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1052 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSM1052 Datasheet HTML 2Page - STMicroelectronics TSM1052 Datasheet HTML 3Page - STMicroelectronics TSM1052 Datasheet HTML 4Page - STMicroelectronics TSM1052 Datasheet HTML 5Page - STMicroelectronics TSM1052 Datasheet HTML 6Page - STMicroelectronics TSM1052 Datasheet HTML 7Page - STMicroelectronics TSM1052 Datasheet HTML 8Page - STMicroelectronics TSM1052 Datasheet HTML 9Page - STMicroelectronics TSM1052 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical characteristics
TSM1052
6/15
3
Typical characteristics
Figure 3.
Vref vs ambient temperature
Figure 4.
VSENSE vs ambient temperature
Figure 5.
VSENSE pin input bias current vs
ambient temperature
Figure 6.
ICTRL pin input bias current vs
ambient temperature
Figure 7.
Transconductances (sink current
only) of voltage control loop op amp
vs ambient temperature
Figure 8.
Transconductance (sink current
only) of current control loop op amp
vs ambient temperature
1.190
1.200
1.210
1.220
1.230
-20
0
20
40
60
80
100
Temp ( °C )
Vcc=18V
Vcc=5V
Vcc=1.7V
192
194
196
198
200
202
204
206
208
-20
0
20
40
60
80
100
Temp ( °C )
Vcc=18V
Vcc=5V
Vcc=1.7V
0
10
20
30
40
50
-20
0
20
40
60
80
100
Temp ( °C )
Vcc=18V
Vcc=5V
Vcc=1.7V
10
11
12
13
14
15
-20
0
20
40
60
80
100
Temp ( °C )
Vcc=18V
Vcc=5V
Vcc=1.7V
0
2
4
6
8
10
12
14
16
18
-20
0
20
40
60
80
100
Temp ( °C )
Vcc=18V
Vcc=5V
Vcc=1.7V
0
5
10
15
20
-20
0
20
40
60
80
100
Temp ( °C )
Vcc=18V
Vcc=5V
Vcc=1.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com