Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LB079DS02 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LB079DS02
Description  78.5MHz Low-loss SAW Filter 20MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB079DS02 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LB079DS02 Datasheet HTML 1Page - SIPAT Co,Ltd LB079DS02 Datasheet HTML 2Page - SIPAT Co,Ltd LB079DS02 Datasheet HTML 3Page - SIPAT Co,Ltd LB079DS02 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB079DS02
Rev. Date
2007-04-20
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
78.5MHz Low-loss SAW Filter
20MHz Bandwidth
Part Number: LB079DS02
Typical Performance
Frequency Respond
Passband Respond
40
50
60
70
80
90
100
110
-101.284
-91.284
-81.284
-71.284
-61.284
-51.284
-41.284
-31.284
-21.284
-11.284
-1.284
Type Performance
Frequency(MHz)
3dB CF = 78.5908MHz
1dB = 19.6183MHz
3dB = 20.9997MHz
35dB = 24.4612MHz
Insert Loss = -11.284dB
Passband Ripple = 1.0829dB
Ultimate Rejection = 32.237dB
Group Delay = 138.2485ns
Phase Linearity = 8.4604deg
Absolute Delay = 1162.6214ns
Horizontal: 10MHz/Div
Vertical: 10dB/Div
50
60
70
80
90
100
-13.784
-13.284
-12.784
-12.284
-11.784
-11.284
-10.784
-10.284
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±9MHz)
Phase Linearity(f0±9MHz)
50
60
70
80
90
100
600
700
800
900
1000
1100
1200
1300
1400
1500
X: 78.5
Y: 1176
Type Performance
Frequency(MHz)
X: 69.5
Y: 1165
X: 87.5
Y: 1158
Horizontal: 10MHz/Div
Vertical: 100ns/Div
50
60
70
80
90
100
-20
-15
-10
-5
0
5
10
15
X: 78.5
Y: 0.2924
Type Performance
Frequency(MHz)
X: 69.5
Y: -0.1344
X: 87.5
Y: 4.13
Horizontal: 10MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com