Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD1895-03 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD1895-03
Description  RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1895-03 Datasheet(HTML) 3 Page - STMicroelectronics

  SD1895-03 Datasheet HTML 1Page - STMicroelectronics SD1895-03 Datasheet HTML 2Page - STMicroelectronics SD1895-03 Datasheet HTML 3Page - STMicroelectronics SD1895-03 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
C1, C2 : 0.4 - 2.5pF #27283 Johanson Trimmer
C3
: 100pF ATC 100A101KCA150 Chip Capacitor
C4
: 15,000pF EMI Filter Murata/Erie #9900-381-6004
L1, L2 : 4 Turns, #28 AWG. .080” I.D.
SD1895-03
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com