Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD4590 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SD4590
Description  RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4590 Datasheet(HTML) 5 Page - STMicroelectronics

  SD4590 Datasheet HTML 1Page - STMicroelectronics SD4590 Datasheet HTML 2Page - STMicroelectronics SD4590 Datasheet HTML 3Page - STMicroelectronics SD4590 Datasheet HTML 4Page - STMicroelectronics SD4590 Datasheet HTML 5Page - STMicroelectronics SD4590 Datasheet HTML 6Page - STMicroelectronics SD4590 Datasheet HTML 7Page - STMicroelectronics SD4590 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TEST CIRCUIT SCHEMATIC
PCB
ROGERS
,
εr =2.55,Height=31.25mil1 oz.Cu.
Balun 1,2
50
Ω Coaxial Cable Lenght 2.2” attached to 2 x 50 Ω printed microstrip
transmission lines (see photomaster)
C1, C2, C23, C25
75pF Ceramic Chip ATC B
C3, C4, C21, C22
2 x 47pF Ceramic Chip, ATC B
C5, C16
0.8 - 8pF Variable, JOHANSON Giga - Trim
C6, C9
750pF Ceramic Chip, ATC B
C7, C10
39nF Ceramic Chip, ATCB
C8, C11, C24, C26 47
µF, 50V Electrolytic
C13, C17
100
µF, 50V Electrolytic
C12
9.1pF, Ceramic Chip, ATC A
C14, C18
39nF Ceramic Chip (OPTIONAL)
C15, C19
750pF Ceramic Chip (OPTIONAL)
C20
1.3pF Ceramic Chip, ATC B
L1, L4, L5, L8
12 Turns, #200 AWG, 0.15” I.D. (Tight)
L2, L3, L6, L7
4 Turns, #20AWG, 0.13” I.D. (1:1)
R1, R2, R3, R4
5 X 50
Ω Chip Resistor
TEST CIRCUIT COMPONENT PART LIST
SD4590
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com