Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1456RL3BKBK. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1456RL3BKBK.
Description  Purchased assembly includes case, cover, 6 cover screws, and 4 rubber feet. Case made from 12 Gauge aluminum (.081"),Top made from 12 Gauge aluminum (.081").
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1456RL3BKBK. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1456RL3BKBK. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Beige Top / Blue Case
1456RL3WHBU
Black Top / Blue Case
1456RL3BKBU
Black Top / Black Case
1456RL3BKBK
Natural Finish Cover Screws (Pkg 6)
[6‐32 x 1/4" Self‐Tapping Screws]
1421J6
Black Cover Screws (Pkg 6)
[6‐32 x 1/4" Self‐Tapping Screws]
1421J6BK
Rubber Feet [0.5 x 0.5" Self‐adhesive] (Pkg 24) 
1421T3
NOTE
1456
Purchased assembly includes case, cover, 6 cover screws, and 4 rubber feet.
Case made from 12 Gauge aluminum (.081"),Top made from 12 Gauge
aluminum (.081").
Recommended screw torque 150-175 cN-m (13.3-15.5 lbf-in)
1456RL3 Regular Enclosure
ACCESSORIES
TOP PANEL - BOTTOM VIEW
ENCLOSURE CASE - BOTTOM VIEW
DETAIL B
SECTION A-A
1456RL3
Dimensions:
mm
[inches]
www.hammondmfg.com
®
B
A
A
2.79
[.11]
10X
288.52
[11.36]
418.78
[16.49]
14.29
[.56]
4.80
[.19]
4X
409.59
[16.13]
366.71
[14.44]
277.42
[10.92]
271.37
[10.68]
267.87
[10.55]
4.34
[.17]
6X
25.40
[1.00]
100.01
[3.94]
409.55
[16.12]
434.82
[17.12]
11.83
[.47]
277.39
[10.92]
294.87
[11.61]
6.35
[.25]
3.18
[.13]
22.23
[.88]
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc.)
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
(Part number and text placement/orientation on our products are subject to change,
we do not recommend using them as a locating reference for modification purposes)
161.51
[6.36]
134.73
[5.30]
137.90
[5.43]
81.43
[3.21]
76.20
[3.00]
159.75
[6.29]
259.94
[10.23]
284.40
[11.20]
31.19
[1.23]
40.63
[1.60]
35.23
[1.39]
292.89
[11.53]
72.09
[2.84]
15.0°
81.43
[3.21]
27.78
[1.09]
46.81
[1.84]
434.82
[17.12]
2.06
[.08]
430.71
[16.96]
430.21
[16.94]
2.06
[.08]


Similar Part No. - 1456RL3BKBK.

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1456RL3BKBK HAMMOND-1456RL3BKBK Datasheet
236Kb / 2P
Sloped Aluminum Consoles 1456 Series
12/27/2018
1456RL3BKBK HAMMOND-1456RL3BKBK Datasheet
236Kb / 2P
Sloped Aluminum Consoles 1456 Series
1/28/2019
More results

Similar Description - 1456RL3BKBK.

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1598A HAMMOND-1598A Datasheet
365Kb / 1P
Purchased Assembly includes top and bottom cover, front and aluminum panels alloy 5052-H32, SPV coating on one side, 2 cover screws, and 4 rubber feet
1590WP1BK HAMMOND-1590WP1BK Datasheet
121Kb / 1P
Purchased assembly includes box, lid and 4 cover screws. Box and lid are made from Diecast Aluminum Alloy (alloy type 360.1).
1551F HAMMOND-1551F Datasheet
297Kb / 1P
Purchased assembly includes lid and box made from GP ABS material
1551G HAMMOND-1551G Datasheet
295Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551M HAMMOND-1551M Datasheet
298Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551MFL HAMMOND-1551MFL Datasheet
299Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551N HAMMOND-1551N Datasheet
306Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551NFL HAMMOND-1551NFL Datasheet
296Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551QFL HAMMOND-1551QFL Datasheet
300Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1553AA HAMMOND-1553AA Datasheet
376Kb / 1P
Purchased assembly includes top and bottom cover, and 4 cover screws.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com