Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTM8024 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM8024
Description  LTM8024 40V, Dual 3A Step-Down μModule Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 6 Page - Analog Devices

  LTM8024 Datasheet HTML 1Page - Analog Devices LTM8024 Datasheet HTML 2Page - Analog Devices LTM8024 Datasheet HTML 3Page - Analog Devices LTM8024 Datasheet HTML 4Page - Analog Devices LTM8024 Datasheet HTML 5Page - Analog Devices LTM8024 Datasheet HTML 6Page - Analog Devices LTM8024 Datasheet HTML 7Page - Analog Devices LTM8024 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
DEMO MANUAL DC1868A
Rev. 0
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
2
C1, C38
CAP., 22μF, ALUM, 63V
SUN ELECT., 63CE22BS
2
2
C2, C8
CAP., 4.7μF, X5R, 50V, 20%, 1210
TAIYO YUDEN, UMK325BJ475MM-T
3
2
C3, C7
CAP., 100μF, X5R,10V, 20%, 1210
TAIYO YUDEN, LMK325BJ107MM-T
4
2
C11, C12
CAP., 0.1μF, X7R, 16V, 10%, 0603
MURATA, GRM188R71C104KA01D
5
1
C20
CAP., 1μF, X5R, 50V, 10%, 0603
MURATA, GRM188R61H105KAALD
6
2
C21, C22
CAP., 10μF, X7R, 50V, 10% 1210
MURATA, GRM32ER71H106KA12L
7
4
C34, C35, C36, C37
CAP., 0.1μF, X7R, 50V, 10%, 0402
MURATA, GCM155R71H104KE02D
8
1
FB1
FERRITE BEAD
WURTH ELEKTRONIK, 74279226101
9
1
L3
INDUCTOR, 0.22μH
WURTH ELEKTRONIK, 744373240022
10
2
R2, R4
RES., CHIP, 100k, 0.1W ,1%, 0603
VISHAY, CRCW0603100KFKEA
11
1
R7
RES., CHIP, 47.5k, 0.1W,1%, 0603
VISHAY, CRCW060347K5FKEA
12
1
R9
RES/JUMPER, CHIP, 0Ω, 0.1W, 0603
VISHAY, CRCW06030000Z0EA
13
1
R10
RES., CHIP, 78.7k, 0.1W, 1%, 0603
VISHAY, CRCW060378K7FKEA
14
1
R11
RES., CHIP, 35.7k, 0.1W, 1%, 0603
VISHAY, CRCW060335K7FKEA
15
2
R21, R22
RES., CHIP, 1M, 0.1W, 1%, 0603
VISHAY, CRCW06031M00FKEA
16
1
R26
RES/JUMPER, CHIP, 0Ω, 0.1W, 0805
VISHAY, CRCW08050000Z0EA
17
1
U1
I.C., DUAL 40VIN, 3A μModule REG
ANALOG DEVICES, LTM8024EY #PBF
Additional Demo Board Circuit Components
1
0
C4, C5, C9, C10, C17 (OPT)
CAP., OPT, 0603
2
0
R6, R19, R23, R20, R24, R25 (OPT)
RES., OPT, 0603
Hardware for Demo Board Only
1
23
E1–E23
TEST POINT, TURRET, .094" PBF
MILL MAX, 2501-2-00-80-00-00-07-0
2
1
JP1
HEADERS, 3 PINS, 2mm CTRS.
SAMTEC, TMM-103-02-L-S
3
1
XJP1
SHUNT, 2mm CTRS.
SAMTEC, 2SN-BK-G
4
4
MH1–MH4
STANDOFF, NYLON, 0.25"
KEYSTONE, 8831 (SNAP ON)
5
1
FAB, PRINTED CIRCUIT BOARD
ANALOG DEVICES, DEMO CIRCUIT 1868A
6
2
STENCILS FOR BOTH SIDES
ANALOG DEVICES, STENCIL DC1868A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com