Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74HC4094DB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC4094DB
Description  8-stage shift-and-store bus register
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4094DB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC4094DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4094DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4094DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4094DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4094DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4094DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4094DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4094DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4094DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
74HC_HCT4094
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 7 — 10 February 2016
4 of 22
NXP Semiconductors
74HC4094; 74HCT4094
8-stage shift-and-store bus register
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 5.
Pin configuration SO16
Fig 6.
Pin configuration SSOP16 and TSSOP16
Table 2.
Pin description
Symbol
Pin
Description
STR
1
strobe input
D
2
data input
CP
3
clock input
QP0 to QP7
4, 5, 6, 7, 14, 13, 12, 11
parallel output
VSS
8
ground supply voltage
QS1, QS2
9, 10
serial output
OE
15
output enable input
VDD
16
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com