Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74LVC1G04GS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G04GS
Description  Single inverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G04GS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC1G04GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G04GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G04GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G04GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G04GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G04GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G04GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G04GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G04GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
74LVC1G04
Single inverter
Rev. 18.1 — 2 September 2024
Product data sheet
1. General description
The 74LVC1G04 is a single inverter. Inputs can be driven from either 3.3 V or 5 V devices. This
feature allows the use of these devices as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times. This
device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables
the output, preventing the potentially damaging backflow current through the device when it is
powered down.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power dissipation
• IOFF circuitry provides partial Power-down mode operation
• ±24 mA output drive (VCC = 3.0 V)
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD36 (4.5 V to 5.5 V)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C.


Similar Part No. - 74LVC1G04GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G04GS NEXPERIA-74LVC1G04GS Datasheet
272Kb / 18P
Single inverter
Rev. 16 - 9 February 2022
74LVC1G04GS NEXPERIA-74LVC1G04GS Datasheet
213Kb / 19P
Single inverter
Rev. 13 28 November 2016
More results

Similar Description - 74LVC1G04GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04 PHILIPS-74LVC1G04 Datasheet
68Kb / 16P
Single inverter
2002 Oct 02
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04 Datasheet
48Kb / 7P
SINGLE INVERTER
Oct-1999
logo
ON Semiconductor
NL17SV04XV5T2 ONSEMI-NL17SV04XV5T2 Datasheet
41Kb / 6P
Single Inverter
January, 2005 ??Rev. 2
MC74VHC1G04 ONSEMI-MC74VHC1G04_07 Datasheet
72Kb / 6P
Single Inverter
January, 2007 ??Rev. 14
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
SINGLE INVERTER
Apr-2004
logo
NXP Semiconductors
74LVC1G04 NXP-74LVC1G04_09 Datasheet
92Kb / 15P
Single inverter
Rev. 08-27 April 2009
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04 Datasheet
98Kb / 8P
Single Inverter
March, 2008 - Rev. 1
NL17SG04 ONSEMI-NL17SG04 Datasheet
103Kb / 6P
Single Inverter
August, 2012 ??Rev. 1
NL17SH04 ONSEMI-NL17SH04 Datasheet
102Kb / 5P
Single Inverter
August, 2011 ??Rev. 1
NLU1G04 ONSEMI-NLU1G04_16 Datasheet
143Kb / 7P
Single Inverter
July, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com