Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74LVC1G53GS Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G53GS
Description  2-channel analog multiplexer/demultiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G53GS Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G53GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
74LVC1G53
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 10 — 7 December 2016
13 of 27
NXP Semiconductors
74LVC1G53
2-channel analog multiplexer/demultiplexer
11.2 Additional dynamic characteristics
Test data is given in Table 11.
Definitions test circuit:
RT = Termination resistance (should be equal to output impedance Zo of the pulse generator).
CL = Load capacitance (including jig and probe capacitance).
RL = Load resistance.
VEXT = External voltage for measuring switching times.
Fig 18. Test circuit for measuring switching times
Table 11.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
1.65 V to 1.95 V
VCC
 2.0ns
30pF
1k
open
GND
2
 V
CC
2.3 V to 2.7 V
VCC
 2.0ns
30pF
500
open
GND
2
 V
CC
2.7 V
VCC
 2.5ns
50pF
500
open
GND
2
 V
CC
3 V to 3.6 V
VCC
 2.5ns
50pF
500
open
GND
2
 V
CC
4.5 V to 5.5 V
VCC
 2.5ns
50pF
500
open
GND
2
 V
CC
Table 12.
Additional dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb =25 C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
THD
total harmonic distortion
fi = 600 Hz to 20 kHz; RL = 600 ;
CL =50pF; VI = 0.5 V (p-p); see Figure 19
VCC = 1.65 V
-
0.260
-
%
VCC = 2.3 V
-
0.078
-
%
VCC = 3.0 V
-
0.078
-
%
VCC = 4.5 V
-
0.078
-
%
f(3dB)
3 dB frequency response R
L =50 ; CL = 5 pF; see Figure 20
VCC = 1.65 V
-
200
-
MHz
VCC = 2.3 V
-
300
-
MHz
VCC = 3.0 V
-
300
-
MHz
VCC = 4.5 V
-
300
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com