Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SIM100 Datasheet(PDF) 1 Page - BLOCK Transformatoren-Elektronik GmbH

Part # SIM100
Description  Safety isolating transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCK [BLOCK Transformatoren-Elektronik GmbH]
Direct Link  www.block.eu
Logo BLOCK - BLOCK Transformatoren-Elektronik GmbH

SIM100 Datasheet(HTML) 1 Page - BLOCK Transformatoren-Elektronik GmbH

  SIM100 Datasheet HTML 1Page - BLOCK Transformatoren-Elektronik GmbH SIM100 Datasheet HTML 2Page - BLOCK Transformatoren-Elektronik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Safety isolating transformer
SIM 100
Advantages
Integrated short-circuit and overload protection
Dual output voltage for series or parallel connection
Very good moisture protection and low noise thanks to XtraDenseFill resin
encapsulation (up to 300 VA)
Screw terminals under cover with strain relief
Applications
Safety isolating transformer for the safe electrical isolation of the input and
output sides. The transformer is suitable for creating SELV and PELV circuits
because of the limit on the output voltage.
Sample application
Standards
Z
Safety isolating transformer
to: VDE 0570 Part 2-6, DIN EN 61558-2-6, EN 61558-2-6, IEC 61558-2-6
Approvals
w 1 Z
VDE
Picture shows SIM 60


Similar Part No. - SIM100

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SIM100D06AV1 SEMIWELL-SIM100D06AV1 Datasheet
188Kb / 4P
?쏦ALF-BRIDGE??IGBT MODULE
SIM100D12SV1 SEMIWELL-SIM100D12SV1 Datasheet
506Kb / 7P
HALF-BRIDGE IGBT
logo
Sensata Technologies, I...
SIM100MLP SENSATA-SIM100MLP Datasheet
923Kb / 19P
Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems
SIM100MOD SENSATA-SIM100MOD Datasheet
940Kb / 19P
Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems
More results

Similar Description - SIM100

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TEW6038 FILTRAN-TEW6038 Datasheet
31Kb / 1P
Wide Band Isolating/Matching Transformer
logo
List of Unclassifed Man...
DS44049 ETC2-DS44049 Datasheet
712Kb / 1P
SAFETY ISOLATING TRANSFORMER
DS44094 ETC1-DS44094 Datasheet
721Kb / 1P
SAFETY ISOLATING TRANSFORMER
logo
Hammond Manufacturing L...
171A HAMMOND-171A Datasheet
61Kb / 1P
Isolating Line Transformer
logo
MORNSUN Science& Techno...
TSX00-EX MORNSUN-TSX00-EX Datasheet
453Kb / 3P
Isolating / Safety Switching Barrier
TSX01-EX MORNSUN-TSX01-EX Datasheet
461Kb / 3P
Isolating / Safety Switching Barrier
logo
List of Unclassifed Man...
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
Isolating switching amplifier
logo
Cynergy3 Co
SC-SLIMCON6 CYNERGY3-SC-SLIMCON6 Datasheet
105Kb / 1P
Isolating Signal Converter
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.1 PF-S1SD-1AI-1U.1 Datasheet
813Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-1U.2 PF-S1SD-1AI-1U.2 Datasheet
817Kb / 4P
Isolating Amplifier
2022-01-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com