Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RK40/18 Datasheet(PDF) 2 Page - BLOCK Transformatoren-Elektronik GmbH

Part # RK40/18
Description  Ringkern-Sicherheitsund Trenntransformator RK Toroidal safety isolating and isolating transformer RK Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCK [BLOCK Transformatoren-Elektronik GmbH]
Direct Link  www.block.eu
Logo BLOCK - BLOCK Transformatoren-Elektronik GmbH

RK40/18 Datasheet(HTML) 2 Page - BLOCK Transformatoren-Elektronik GmbH

  RK40/18 Datasheet HTML 1Page - BLOCK Transformatoren-Elektronik GmbH RK40/18 Datasheet HTML 2Page - BLOCK Transformatoren-Elektronik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ringkern-Sicherheits- und Trenntransformator RK
Toroidal safety isolating and isolating transformer RK Range
Typ
Type
RK 330/..
Eingangsspannung
Input voltage
2x115 V
Bemessungsstrom
Rated current
1.16 A
Einschaltstrom
Low-inrush current
33 fach
33-times
Frequenzbereich
Frequency range
50-60Hz
Leerlaufverluste (typ.)
No-load loss (typ.)
3.0 W
Ausgangsspannung/Bestellnr.
Output voltage/Order no.
2x25 V: RK 330/25
2x30 V: RK 330/30
2x35 V: RK 330/35
2x40 V: RK 330/40
2x45 V: RK 330/45
Leerlaufspannung (ca. x Faktor)
No-load voltage (ca. x factor)
1.08
Leistung
Power
330.0 VA
Prüfzeichen
Approvals
UL, C-UL
Kurzschlussfestigkeit
Short circuit strength
nicht kurzschlussfest
non-short-circuit-proof
Schutzart
Protection index
IP 00
Schutzklasse (vorbereitet)
Safety class (prepared)
II
Umgebungstemperatur max.
Ambient temperature max.
40 °C
Isolierstoffklasse
Class of Insulation System
A
Prüfspannung
Test voltage
4000 V, 50 Hz
Wirkungsgrad
Efficiency
92 %
Bauart
Type
offen
open type
Anschlüsse
Terminals
Anschlussdrähte
leads
Höhe
Height
56 mm
zzgl 5 mm Montageset
56 mm
plus 5 mm mounting kit
Durchmesser Ø
Diameter Ø
132 mm
Befestigung
Fixing method
Zentralbefestigung mittels
Schraube
Central connection by bolt
Befestigungsschrauben
Fixing screws
M8
Gewicht
Weight
2.80 kg
Bestellnummer
Order Number
siehe Ausgangsspannung
see output voltage
Änderungen vorbehalten
Subject to change



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com