Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PESD4USB3UBTBS-QJ Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PESD4USB3UBTBS-QJ
Description  Extremely low capacitance unidirectional ESD protection diode array
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD4USB3UBTBS-QJ Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PESD4USB3UBTBS-QJ Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD4USB3UBTBS-QJ Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD4USB3UBTBS-QJ Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD4USB3UBTBS-QJ Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD4USB3UBTBS-QJ Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD4USB3UBTBS-QJ Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD4USB3UBTBS-QJ Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD4USB3UBTBS-QJ Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD4USB3UBTBS-QJ Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Nexperia
PESD4USB3UBTBS-Q
Extremely low capacitance unidirectional ESD protection diode array
12. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1176D
- - -
sot1176d_po
20-08-25
20-08-26
Unit(1)
mm
max
nom
min
0.80
0.75
0.70
0.05
0.00
0.25
0.20
0.15
2.5
1.0
0.5
0.2
0.40
0.35
0.30
0.1
A
Dimensions
DFN2510D-10: plastic, leadless thin small outline package with Side-Wettable Flanks (SWF);
10 terminals; 0.5 mm pitch; 2.5 mm x 1 mm x 0.75 mm body
SOT1176D
A1
0.1
A4
A3
0.2 REF
b
D
E
e
e1
2.0
k
L
L2
0.45
0.40
0.35
L1
0.10
0.05
- -
v
0.1
u
w
0.05
y
0.05
y1
0.05
0
1
2 mm
Plated
Surface
scale
X
C
y1
C
B
A
D
E
detail X
A1
A
A3
L1
A4
b
(10x)
k
L (9x)
L2
terminal 1
index area
terminal 1
index area
e1
e
A
C
B
v
C
w
10
6
5
1
y
C
2x
u
C
2x
u
C
SEATING PLANE
Fig. 9. Package outline DFN2510D-10 (SOT1176D)
PESD4USB3UBTBS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
25 October 2023
7 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com