Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C1206C104F2GACTU Datasheet(PDF) 7 Page - Kemet Corporation

Part # C1206C104F2GACTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C104F2GACTU Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C1206C104F2GACTU Datasheet HTML 3Page - Kemet Corporation C1206C104F2GACTU Datasheet HTML 4Page - Kemet Corporation C1206C104F2GACTU Datasheet HTML 5Page - Kemet Corporation C1206C104F2GACTU Datasheet HTML 6Page - Kemet Corporation C1206C104F2GACTU Datasheet HTML 7Page - Kemet Corporation C1206C104F2GACTU Datasheet HTML 8Page - Kemet Corporation C1206C104F2GACTU Datasheet HTML 9Page - Kemet Corporation C1206C104F2GACTU Datasheet HTML 10Page - Kemet Corporation C1206C104F2GACTU Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1003_C0G • 12/6/2021
7
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0G Dielectric, 10 – 250 VDC (Commercial Grade)
Table 1B – Capacitance Range/Selection Waterfall (1210 – 1812 Case Sizes)
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82, and 91).
These products are protected under US Patents 7,172,985 & 7,670,981, other patents pending, and any foreign counterparts.
Cap
Cap
Code
Case Size/ Series
C1210C
C1805C
C1808C
C1812C
Voltage Code
8
4
3
5
1
2
A
5
1
2
5
1
2
A
5
1
2
A
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
1.0 - 9.1 pF*
109 - 919*
B C D
FB
FB
FB
FB
FB
FB
FB
10 - 91 pF*
100 - 910*
F G J K M FB
FB
FB
FB
FB
FB
FB
110 pF
111
F G J K M FB
FB
FB
FB
FB
FB
FB
120 pF
121
F G J K M FB
FB
FB
FB
FB
FB
FB
130 pF
131
F G J K M FB
FB
FB
FB
FB
FB
FB
150 pF
151
F G J K M FB
FB
FB
FB
FB
FB
FB
160 pF
161
F G J K M FB
FB
FB
FB
FB
FB
FB
180 pF
181
F G J K M FB
FB
FB
FB
FB
FB
FB
200 pF
201
F G J K M FB
FB
FB
FB
FB
FB
FB
220 pF
221
F G J K M FB
FB
FB
FB
FB
FB
FB
NC NC NC
240 pF
241
F G J K M FB
FB
FB
FB
FB
FB
FB
NC NC NC
270 pF
271
F G J K M FB
FB
FB
FB
FB
FB
FB
NC NC NC
300 pF
301
F G J K M FB
FB
FB
FB
FB
FB
FB
NC NC NC
330 - 430 pF*
331 - 431*
F G J K M FB
FB
FB
FB
FB
FB
FB
NC NC NC
LF
LF
LF
LF
470 - 910 pF*
471 - 911*
F G J K M FB
FB
FB
FB
FB
FB
FB
NC NC NC
LF
LF
LF
LF
GB
GB
GB
GB
1,000 pF
102
F G J K M FB
FB
FB
FB
FB
FB
FB
NC NC NC
LF
LF
LF
LF
GB
GB
GB
GB
1,100 pF
112
F G J K M FB
FB
FB
FB
FB
FB
FB
NC NC
LF
LF
LF
LF
GB
GB
GB
GB
1,200 pF
122
F G J K M FB
FB
FB
FB
FB
FB
FB
NC NC
LF
LF
LF
LF
GB
GB
GB
GB
1,300 pF
132
F G J K M FB
FB
FB
FB
FB
FC
FC
NC NC
LF
LF
LF
LF
GB
GB
GB
GB
1,500 pF
152
F G J K M FB
FB
FB
FB
FB
FE
FE
NC NC
LF
LF
LF
LF
GB
GB
GB
GB
1,600 pF
162
F G J K M FB
FB
FB
FB
FB
FE
FE
NC NC
LF
LF
LF
LF
GB
GB
GB
GB
1,800 pF
182
F G J K M FB
FB
FB
FB
FB
FE
FE
NC NC
LF
LF
LF
LF
GB
GB
GB
GB
2,000 pF
202
F G J K M FB
FB
FB
FB
FC
FE
FE
NC NC
LF
LF
LF
LF
GB
GB
GB
GB
2,200 pF
222
F G J K M FB
FB
FB
FB
FC
FG
FG
NC NC
LF
LF
LF
LF
GB
GB
GB
GB
2,400 pF
242
F G J K M FB
FB
FB
FB
FC
FC
FC
NC NC
LF
LF
LF
LF
2,700 pF
272
F G J K M FB
FB
FB
FB
FC
FC
FC
NC NC
LF
LF
LF
LF
GB
GB
GB
GB
3,000 pF
302
F G J K M FB
FB
FB
FB
FC
FF
FF
LF
LF
3,300 pF
332
F G J K M FB
FB
FB
FB
FF
FF
FF
LF
LF
GB
GB
GB
GB
3,600 pF
362
F G J K M FB
FB
FB
FB
FF
FF
FF
LF
LF
3,900 pF
392
F G J K M FB
FB
FB
FB
FF
FF
FF
LF
LF
GB
GB
GB
GB
Cap
Cap
Code
Rated Voltage (VDC)
Voltage Code
8
4
3
5
1
2
A
5
1
2
5
1
2
A
5
1
2
A
Case Size/Series
C1210C
C1805C
C1808C
C1812C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com