Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPP6 Datasheet(PDF) 2 Page - FRIWO Geratebau GmbH

Part # MPP6
Description  Switchmode Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRIWO [FRIWO Geratebau GmbH]
Direct Link  https://www.friwo.com/en/
Logo FRIWO - FRIWO Geratebau GmbH

MPP6 Datasheet(HTML) 2 Page - FRIWO Geratebau GmbH

  MPP6 Datasheet HTML 1Page - FRIWO Geratebau GmbH MPP6 Datasheet HTML 2Page - FRIWO Geratebau GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6 Watts
15 Watts
30 Watts
68 mm
51.5 mm
65 mm
Output data
Worldwide
Voltage
Current
Ripple Voltage
Order No.
5 V
1000 mA
200 mV pp
1814926
6 V
850 mA
180 mV pp
1814927
7.5 V
650 mA
150 mV pp
1814928
9 V
550 mA
150 mV pp
1814929
12 V
450 mA
150 mV pp
1814930
15 V
360 mA
150 mV pp
1814931
18 V
300 mA
150 mV pp
1814932
24 V
220 mA
150 mV pp
1814933
Output data
Worldwide
Voltage
Current
Ripple Voltage
Order No.
5 V
3000 mA
75 mV pp
1894100
6 V
2500 mA
75 mV pp
1894101
7.5 V
2000 mA
75 mV pp
1894102
9 V
1500 mA
90 mV pp
1811970
12 V
1250 mA
120 mV pp
1811971
15 V
1000 mA
150 mV pp
1812039
18 V
840 mA
180 mV pp
1812040
24 V
625 mA
240 mV pp
1812041
Output data
Worldwide
Voltage
Current
Ripple Voltage
Order No.
5 V
5000 mA
50 mV pp
1894090
6 V
4200 mA
60 mV pp
1894091
7.5 V
3600 mA
75 mV pp
1894092
9 V
3000 mA
90 mV pp
1894093
12 V
2500 mA
120 mV pp
1894094
15 V
2000 mA
150 mV pp
1894095
18 V
1650 mA
180 mV pp
1894096
24 V
1250 mA
240 mV pp
1894097
11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com