Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R1966DWHTWHTASYEL Datasheet(PDF) 1 Page - E-SWITCH

Part # R1966DWHTWHTASYEL
Description  R1966 Series Rocker Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

R1966DWHTWHTASYEL Datasheet(HTML) 1 Page - E-SWITCH

  R1966DWHTWHTASYEL Datasheet HTML 1Page - E-SWITCH R1966DWHTWHTASYEL Datasheet HTML 2Page - E-SWITCH R1966DWHTWHTASYEL Datasheet HTML 3Page - E-SWITCH R1966DWHTWHTASYEL Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-switch.com
800.867.2717
1
RoHS
Computer Peripherals
Instrumentation
Medical Equipment
Electrical Houseware
Consumer Electronics
SpecificationS
part number configurator
featureS & benefitS
applicationS / marketS
R1966 SeRieS RockeR Switch
Specifications subject to change without notice
• Agency approvals: cURus, VDE
• SPST and SPDT
• LED Illumination options
• Multiple circuit functions
• Multiple termination options
• Actuator marking available
Contact Rating: 15A @ 125VAC UR, cUR
8A @ 250VAC UR, cUR
6A @ 250VAC VDE
Contact Arrangement: SPST, SPDT
Electrical Life: 10,000 cycles
Mechanical Life: 30,000 cycles
Insulation Resistance: >1000 MΩ
Dielectric Strength: 1,500VAC for 1 minute
Operating Temperature: -30°C to 65°C
Storage Temperature: -30°C to 80°C
Panel Thickness: 0.7mm to 3.0mm
R1966
A - SPST, On-Off
C - SPDT, On-On
D - SPDT, On-Off-On
E - SPST, On-(Off)
F - SPST, Off-(On)
G - SPDT, On-(On)
H - SPDT, On-Off-(On)
I - SPDT, (On)-Off-(On)
A
B
C
D
E
F
G
H
I
Series
Circuit
Testing Equipment
BLK - Black
WHT - White
GRY - Grey
NOTES:
* LED Color option only available with the “A” circuit option
From the “A” circuit option with either the “R” or “L” terminal option, the LED terminals are
solder lug terminals and are not bent in either the right or left angle terminal direction as
the switch terminals. They protrude straight out from the switch body.
RED - Red
GRN - Green
BLU - Blue
YEL - Yellow
BLK - Black
RED - Red
WHT- White
Actuator
Color
F - 0.187 QC .031 thk
G - 0.187 QC .020 thk
S - Solder Lug
P - PCB Pins
R - Right Angle PCB Pins
L - Left Angle PCB Pins
Housing
Color
Marking
(see chart)
Termination
LED
Color*


Similar Part No. - R1966DWHTWHTASYEL

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R1966DBLKBLKBR E-SWITCH-R1966DBLKBLKBR Datasheet
37Kb / 1P
R1966D BLK BLK BR
A
More results

Similar Description - R1966DWHTWHTASYEL

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
ROCKER SWITCH
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
ROCKER SWITCH
GRB112A802BB CWIND-GRB112A802BB Datasheet
460Kb / 1P
ROCKER SWITCH
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
Switch Rocker
logo
CW Industries
GRB214A2NABA1 CWIND-GRB214A2NABA1 Datasheet
53Kb / 1P
ROCKER SWITCH
logo
ZF Friedrichshafen AG
WRG32F2FBBRLN ZFSWITCHES-WRG32F2FBBRLN Datasheet
281Kb / 2P
Rocker Switch
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com