Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2170913 Datasheet(PDF) 1 Page - Lapp.

Part # 2170913
Description  ETHERLINE® FIRE Cat. 6A PH120 4X2XAWG22/1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170913 Datasheet(HTML) 1 Page - Lapp.

  2170913 Datasheet HTML 1Page - Lapp. 2170913 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170913
DATA SHEET
valid from:
02.12.2019
4X2XAWG22/1
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170913EN
Version:
1
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
ETHERLINE
® FIRE Cat.6 PH120 is a halogen free CATEGORY 6 high speed data transmission cable up to 250 MHz with improved
fire behavior. With multiple additional fire barriers, the cable also contains the circuit integrity test acc. to EN 50200 resp. EN 50289-4-16
for data communication cables. It also comes to use in emergency circuits for alarm, lighting and communication purposes in areas where
there is increased risk of fire and to protect human life.
This cable is suitable for fixed installation.
Design
Certification
Fire resistant and functional integrity for data cables acc. to EN 50200:
- low voltage test 125 Vac PH120 classification acc. to EN 50289-4-16
- Data electrical signal test PH120 classification acc. to EN 50289-4-16
Fire resistant and functional integrity for signal cables acc. to IEC 60331-23, low voltage test
classification 90 Minutes
Conductor
Solid bare copper
22/1AWG (nom. 0.34 mm²)
Insulation
Polyolefine with wrapping of special mineral glass tape,
Ø RJ45 plug compatible
Core identification code
Paar 1: white/blue + blue; Paar 2: white/orange + orange;
Paar 3: white/green + green; Paar 4: white/brown + brown
Stranding
2 cores twisted to pairs and wrapped with special glass fibre tape,
4 pairs twisted together around a central halogen free separation cross
Screen
Copper tape, overlapping
Copper wire braid, coverage approx. 65% ± 5 %
Outer sheath
LSZH, flame retardant and not corrosive
outer Ø: 10.6 mm ± 0.3 mm
Color: Red, similar to RAL 3000
dl safjl öjf
Electrical properties at 20°C
Conductor resistance
max. 5,94 Ω/100 m
Insulation resistance
min. 5 GΩ x km
Mutual capacitance
nom. 58 nF/km at 1 kHz
Characteristic impedance
100 Ω acc. To IEC 61156-5
Velocity of propagation
0.65 c
Peak operating voltage
110 V (not for power purposes)
Test voltage
core/core:
700 V
core/screening: 700 V
.


Similar Part No. - 2170913

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170901 LAPP-2170901 Datasheet
273Kb / 2P
ETHERLINE™ Y CAT.5e BK 2x2xAWG 22/7
01.01.2019
logo
TE Connectivity Ltd
2170902-1 TEC-2170902-1 Datasheet
597Kb / 1P
ASSEMBLY DRAWING,HM-eZD VERTICAL,HEADER,4PAIRS 10COLUMNS
2170903-1 TEC-2170903-1 Datasheet
414Kb / 1P
ASSEMBLY, Z-Pack HM-eZd , RECEPTACLE, 4 PAIR, 10COLUMN
logo
Lapp.
2170905 LAPP-2170905 Datasheet
268Kb / 2P
ETHERLINE® FIRE Cat.5e PH120 4x2x23/1AWG
29.05.2018
2170922 LAPP-2170922 Datasheet
298Kb / 3P
ETHERLINE® T1 PN FLEX T Y 1x2x22/7 AWG
26.10.2023
More results

Similar Description - 2170913

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170464 LAPP-2170464 Datasheet
246Kb / 2P
ETHERLINE™ Y Cat. 6A 4x2x22/1 AWG
09.08.2021
2170481 LAPP-2170481 Datasheet
308Kb / 2P
ETHERLINE® TORSION Cat. 7
01.01.2019
2170484 LAPP-2170484 Datasheet
269Kb / 2P
ETHERLINE® FD P CAT.6A 4x2xAWG24/7
01.01.2019
2170496 LAPP-2170496 Datasheet
234Kb / 2P
ETHERLINE® Cat.5 ARM 1x4x22/1 AWG
30.03.2021
2170583 LAPP-2170583 Datasheet
233Kb / 2P
ETHERLINE® PN Cat.6A Y FC 4x2x23/1AWG
13.01.2020
2170584 LAPP-2170584 Datasheet
239Kb / 2P
ETHERLINE® PN CAT.6A FRNC FC 4x2x23/1 AWG
15.07.2020
2170888 LAPP-2170888 Datasheet
273Kb / 2P
ETHERLINE® TORSION P CAT.5a
01.01.2019
2170905 LAPP-2170905 Datasheet
268Kb / 2P
ETHERLINE® FIRE Cat.5e PH120 4x2x23/1AWG
29.05.2018
2170930 LAPP-2170930 Datasheet
274Kb / 2P
ETHERLINE® PN Cat.6A Y FLEX
01.01.2019
UDB2170450 LAPP-UDB2170450 Datasheet
108Kb / 2P
ETHERLINE® TRAY CAT. 5e
January 1, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com