Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1069492 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1069492
Description  Cable connector - M17-3ES1N8A8004S/1,5 - 1069492
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069492 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1069492 Datasheet HTML 1Page - PHOENIX CONTACT 1069492 Datasheet HTML 2Page - PHOENIX CONTACT 1069492 Datasheet HTML 3Page - PHOENIX CONTACT 1069492 Datasheet HTML 4Page - PHOENIX CONTACT 1069492 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/gb/products/1069492
08/23/2021   Page 1 / 5
Cable connector - M17-3ES1N8A8004S/1,5 - 1069492
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable connector, straight, shielded: yes, ONECLICK fast locking system, M17, No. of pos.: 3+PE, Crimp
connection, cable diameter range: 8.5 mm ... 12 mm, coding:N
Your advantages
 Solutions with cross-manufacturer compatibility for standard and fast locking systems
 ONECLICK fast locking system with an optically, haptically, and acoustically clear locking position
 Reliable under the harshest conditions: cable connectors with vibration brake
 Modern, consistent design for highly convenient operation
 Easy, cost-effective cable assembly: uniform shielding of M17 to M40
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626746494
Weight per Piece (excluding packing)
66.100 g
Custom tariff number
85366990
Sales Key
ABRCHH
Technical data
Temperature range
Ambient temperature
-40 °C ... 105 °C (see derating curve)
Standards and Regulations
Safety note
WARNING: The connectors may not be plugged in or disconnected
under load. Ignoring the warning or improper use may damage persons
and/or property.
• WARNING: Commission properly functioning products only. The
products must be regularly inspected for damage. Decommission
defective products immediately. Replace damaged products. Repairs
are not possible.


Similar Part No. - 1069492

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1069490 PHOENIX-1069490 Datasheet
1Mb / 5P
Cable connector - M17-3ES1N8A8002S/1,5 - 1069490
08/23/2021
1069491 PHOENIX-1069491 Datasheet
1Mb / 12P
M17-3ES1N8A8003S/1,5 - Cable connector
logo
SICK AG
1069494 SICK-1069494 Datasheet
363Kb / 7P
PHOTOELECTRIC SENSORS
1069495 SICK-1069495 Datasheet
370Kb / 7P
PHOTOELECTRIC SENSORS
logo
PHOENIX CONTACT
1069495 PHOENIX-1069495 Datasheet
348Kb / 8P
M17-3EP1N8A9002S/1,5 - Coupler connector
More results

Similar Description - 1069492

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607685 PHOENIX-1607685 Datasheet
551Kb / 14P
ST-3ES1N8A8004S - Cable connector
1628988 PHOENIX-1628988 Datasheet
1Mb / 10P
M17-6ES1N8A8003S - Cable connector
1629005 PHOENIX-1629005 Datasheet
1Mb / 11P
M17-17S1N8A8004S - Cable connector
1629050 PHOENIX-1629050 Datasheet
1Mb / 12P
M17-17P1N8A8004 - Cable connector
1069491 PHOENIX-1069491 Datasheet
1Mb / 12P
M17-3ES1N8A8003S/1,5 - Cable connector
1069482 PHOENIX-1069482 Datasheet
1Mb / 13P
M17-3EP1N8A8003/1,5 - Cable connector
1069486 PHOENIX-1069486 Datasheet
1Mb / 13P
M17-3ES1N8A8004/1,5 - Cable connector
1628975 PHOENIX-1628975 Datasheet
1Mb / 14P
M17-8ES1N8A8004S - Cable connector
1629017 PHOENIX-1629017 Datasheet
1Mb / 15P
M17-8ES1N8A8004 - Cable connector
1629049 PHOENIX-1629049 Datasheet
1Mb / 13P
M17-17S1N8A8002 - Cable connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com