Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

5016 Datasheet(PDF) 7 Page - THAT Corporation All rights reserved.

Part # 5016
Description  THAT 626x 2-Channel Digitally-Controlled Mic Preamp-ADC Driver Demonstration System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

5016 Datasheet(HTML) 7 Page - THAT Corporation All rights reserved.

Back Button 5016 Datasheet HTML 3Page - THAT Corporation All rights reserved. 5016 Datasheet HTML 4Page - THAT Corporation All rights reserved. 5016 Datasheet HTML 5Page - THAT Corporation All rights reserved. 5016 Datasheet HTML 6Page - THAT Corporation All rights reserved. 5016 Datasheet HTML 7Page - THAT Corporation All rights reserved. 5016 Datasheet HTML 8Page - THAT Corporation All rights reserved. 5016 Datasheet HTML 9Page - THAT Corporation All rights reserved. 5016 Datasheet HTML 10Page - THAT Corporation All rights reserved. 5016 Datasheet HTML 11Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
THAT 626x DEMO Datasheet
Page 7 of 20
Document 600194 Rev 00
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved
Download the latest Demo Board GUI software from
the THAT Corporation web site. Double click the
MicPre.exe icon and the Digitally Controlled Mic Preamp
Demo Board Selector will appear. Select the THAT626x
from the drop-down menu.
The 626x GUI should appear:
Next, select the appropriate 626x controller for your
demo board, THAT6261, THAT6263, or THAT6266,
from the Device drop-down menu depending on which
module you have installed into the motherboard Be sure
to select the correct device; the structure of the software
gain command word is different for each version of the
part. The 626x will still operate safely if the wrong device
is selected, but the device gain will not be as expected
from the indication on the GUI.
If the GUI fails to recognize the demo board (most
likely caused by a missing USB connection) you will see
the following error message:
If this message appears, you can click OK and the
GUI will open, but there will be no connection to the
demo board. Once the source of the problem has been
resolved (i.e. Turn on the power or connect the missing
USB cable), use the Port=>Reconnect pull down to
establish communications.
The Port=>Reconnect pull down
can be
used
anytime to reestablish the USB link between the GUI and
demo board.
Power-on Reset: The 626x’s internal reset is
initiated when the 3.3 V logic supply falls below about
0.6V. This 3.3 V logic supply is derived on the demo
board from the +5 V supply via an on-board regulator. If
the +5 V supply is removed, please insure that the 3.3 V
on-board supply has enough time to discharge to below
this 1.2 V reset threshold before re-applying the +5 V
supply, otherwise the part may power up in an unspeci-
fied condition.
One final note; if the channel is not passing audio as
expected, verify that the “enable” check box is selected,
and that the “Mute” check box is NOT selected. Also,
make sure that you have the correct device (6261, 6263,
or 6266) selected from the “Device” drop-down menu.
Software Set-up and Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com