Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX22290EASA/V+ Datasheet(PDF) 1 Page - Analog Devices

Part # MAX22290EASA/V+
Description  Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22290EASA/V+ Datasheet(HTML) 1 Page - Analog Devices

  MAX22290EASA/V+ Datasheet HTML 1Page - Analog Devices MAX22290EASA/V+ Datasheet HTML 2Page - Analog Devices MAX22290EASA/V+ Datasheet HTML 3Page - Analog Devices MAX22290EASA/V+ Datasheet HTML 4Page - Analog Devices MAX22290EASA/V+ Datasheet HTML 5Page - Analog Devices MAX22290EASA/V+ Datasheet HTML 6Page - Analog Devices MAX22290EASA/V+ Datasheet HTML 7Page - Analog Devices MAX22290EASA/V+ Datasheet HTML 8Page - Analog Devices MAX22290EASA/V+ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MAX22290/MAX22291
Reinforced, Fast, Low-Power,
Two-Channel Digital Isolators
19-101159; Rev 3; 10/24
© 2024 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
Product Highlights
• AEC-Q100 Qualification for /V Devices
• Reinforced Galvanic Isolation for Digital Signals
• 8-SOIC with 4mm of Creepage and Clearance
• Withstands 3kVRMS for 60s (VISO)
• Continuously withstands 445VRMS (VIOWM)
• Withstands ±10kV Surge between GNDA and
GNDB with 1.2/50μs Waveform
• High CMTI (50kV/μs, typ)
• Low Power Consumption
• 0.78mW per Channel at 1Mbps with VDD_ = 1.8V
• 1.47mW per Channel at 1Mbps with VDD_ = 3.3V
• 3.28mW per Channel at 100Mbps with VDD_ = 1.8V
• Low Propagation Delay and Low Jitter
• Up to 200Mbps Maximum Data Rate
• Low Propagation Delay 7ns (typ) at VDD_ = 3.3V
• Clock Jitter RMS 7.5ps (typ)
• Safety Regulatory Approvals
• UL According to UL1577
• cUL According to CSA Bulletin 5A
• VDE 0884-11 Reinforced Insulation (Pending)
Key Applications
• Automotive
• Hybrid Electric Vehicle
• Chargers
• Battery Management Systems (BMS)
• Inverters
The MAX22290/MAX22291 is a family of 2-channel
reinforced, fast, low-power digital galvanic isolators
using Analog Devices’ proprietary process technology.
All devices feature reinforced isolation for a withstand
voltage rating of 3kVRMS for 60 seconds. Both
automotive and general-purpose devices are rated for
operation at ambient temperatures of -40°C to +125°C.
Devices with /V suffix are AEC-Q100 qualified. See the
Ordering Information table for all automotive grade part
numbers.
• Industrial
• Isolated SPI
• Isolated RS-232, RS-485/RS-422, CAN
• Fieldbus Communications
• Motor Drive
Simplified Application Diagram
MAX22291C
MAX22291F
VDDA
OUT1
IN2
GNDA
VDDB
IN1
OUT2
GNDB
0.1µF
1.8V
MICRO
CONTROLLER
0.1µF
2.5V
VCC
RO
B
A
MAX22502E
Y
Z
DI
GND
VDD
RX
TX
GND
3.3V
VL
0.1µF
4k
2.5V
RE
DE
PSET
0.1µF
Pin Configurations
VDDA
+
IN1
IN2
1
2
3
4
8
7
6
5
GNDA
VDDB
OUT1
OUT2
GNDB
TOP VIEW
MAX22290
NARROW SOIC
VDDA
+
OUT1
IN2
1
2
3
4
8
7
6
5
GNDA
VDDB
IN1
OUT2
GNDB
MAX22291
NARROW SOIC
These devices transfer digital signals between circuits
with different power domains, using as little as 0.78mW
per channel at 1Mbps (1.8V supply). The low-power
feature reduces system dissipation, increases reliability,
and enables compact designs.
The devices are available with a maximum data rate of
25Mbps or 200Mbps, and with outputs that are either
default high or default low. They feature low propagation
delay and low clock jitter, which reduces system latency.
Independent 1.71V to 5.5V supplies on each side of the
isolator also make the devices suitable for use as level
translators.
The MAX22290 features two channels transferring data
in the same direction. The two channels of the
MAX22291 transfer data in opposite directions, and this
makes the MAX22291 ideal for isolating the Tx and Rx
lines of a transceiver.
Ordering Information appears at end of data sheet.


Similar Part No. - MAX22290EASA/V+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX22290EASA+* MAXIM-MAX22290EASA+* Datasheet
1Mb / 22P
Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
2021
More results

Similar Description - MAX22290EASA/V+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX22344 MAXIM-MAX22344 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel 3.75kVRMS Digital Isolators
Rev 2; 2/19
MAX22444 MAXIM-MAX22444 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
Rev 7; 3/20
MAX22245 MAXIM-MAX22245 Datasheet
972Kb / 22P
Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
Rev 1; 9/20
MAX12934 MAXIM-MAX12934_V01 Datasheet
1Mb / 21P
Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
2020
MAX22163 MAXIM-MAX22163 Datasheet
1Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
2021
MAX22290 MAXIM-MAX22290 Datasheet
1Mb / 22P
Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
2021
MAX22565 MAXIM-MAX22565 Datasheet
2Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
2021
MAX22446E MAXIM-MAX22446E_V01 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
2021
logo
Analog Devices
MAX22663 AD-MAX22663 Datasheet
1Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
19-101239; Rev 0; 12/22
MAX22663 AD-MAX22663_V01 Datasheet
2Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
19-101239; Rev 1; 9/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com