Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX22291CASA/V+ Datasheet(PDF) 12 Page - Analog Devices

Part # MAX22291CASA/V+
Description  Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22291CASA/V+ Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX22291CASA/V+ Datasheet HTML 8Page - Analog Devices MAX22291CASA/V+ Datasheet HTML 9Page - Analog Devices MAX22291CASA/V+ Datasheet HTML 10Page - Analog Devices MAX22291CASA/V+ Datasheet HTML 11Page - Analog Devices MAX22291CASA/V+ Datasheet HTML 12Page - Analog Devices MAX22291CASA/V+ Datasheet HTML 13Page - Analog Devices MAX22291CASA/V+ Datasheet HTML 14Page - Analog Devices MAX22291CASA/V+ Datasheet HTML 15Page - Analog Devices MAX22291CASA/V+ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
www.maximintegrated.com
Proprietary and Confidential. Preliminary Information -
subject to change without notice.
Maxim Integrated | 12
Pin Configurations
VDDA
+
IN1
IN2
1
2
3
4
8
7
6
5
GNDA
VDDB
OUT1
OUT2
GNDB
TOP VIEW
MAX22290
NARROW SOIC
VDDA
+
OUT1
IN2
1
2
3
4
8
7
6
5
GNDA
VDDB
IN1
OUT2
GNDB
MAX22291
NARROW SOIC
Pin Description
PIN
NAME
FUNCTION
MAX22290 MAX22291
1
1
VDDA
Power Supply Input for Side A. Bypass VDDA to GNDA with a 0.1µF ceramic capacitor as
close as possible to the pin.
2
—
IN1
Logic Input 1 on Side A
—
2
OUT1
Logic Output 1 on Side A
3
3
IN2
Logic Input 2 on Side A
4
4
GNDA
Ground Reference for Side A
5
5
GNDB
Ground Reference for Side B
6
6
OUT2
Logic Output 2 on Side B
7
—
OUT1
Logic Output 1 on Side B
—
7
IN1
Logic Input 1 on Side B
8
8
VDDB
Power Supply Input for Side B. Bypass VDDB to GNDB with a 0.1µF ceramic capacitor as
close as possible to the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com