Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL6522V0MH Datasheet(PDF) 13 Page - STMicroelectronics

Part # VL6522V0MH
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522V0MH Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VL6522V0MH Datasheet HTML 9Page - STMicroelectronics VL6522V0MH Datasheet HTML 10Page - STMicroelectronics VL6522V0MH Datasheet HTML 11Page - STMicroelectronics VL6522V0MH Datasheet HTML 12Page - STMicroelectronics VL6522V0MH Datasheet HTML 13Page - STMicroelectronics VL6522V0MH Datasheet HTML 14Page - STMicroelectronics VL6522V0MH Datasheet HTML 15Page - STMicroelectronics VL6522V0MH Datasheet HTML 16Page - STMicroelectronics VL6522V0MH Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
VL6522
Detailed description
13/35
4.1.14
Automatic frame rate control
When enabled, the automatic frame rate control will reduce the frame rate in low light levels
to improve image quality. By default the minimum frame rate that the device will use is 5 fps.
4.1.15
Fade to black
Using programmable levels the microprocessor will fade the output signal to black. This
ensures that under the darkest conditions, when the image is not of sufficient quality, the
device will output black. This operation is achieved by scaling the RGB to the YCbCr matrix.
4.2
Audio data pipeline (ADP)
The audio block contains functions allowing the capture and processing of audio data from
an external microphone. The processed data is then written into an external FIFO which is
in turn read by the USB control.
4.2.1
Audio overview
The audio processing blocks used in the VL6522 ADP are listed below:
●
Microphone amplifier with programmable gain
●
16-bit sigma delta ADC
●
Digital AGC(b), volume and noise gate
●
Variable sample rate at both 8 and 16 bits
●
Interface to external async audio FIFO
●
ICB register bank to provide control and status
4.3
ICB system control
4.3.1
System control overview
In the VL6522, the embedded microcontroller has five main functions:
●
USB management
●
Power management
●
SFP management
●
Auto exposure control (AEC)
The task of the exposure control is to ensure that all scenes are correctly exposed to provide
a good level of contrast. In normal operation the VL6522 will use hardware-generated
statistics to determine appropriate exposure settings for a particular scene and adjust the
system accordingly to give a correctly exposed image.
●
Auto white balance (AWB)
Using hardware-generated statistics the microcontroller adjusts the gains applied to the
individual color channels in order to achieve a correctly color balanced image.
b.
The Automatic Gain Control is disabled by default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com