Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

101990669 Datasheet(PDF) 1 Page - Seeed Technology Co.,Ltd.

Part # 101990669
Description  SenseCAP SOLO CO2 Sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101990669 Datasheet(HTML) 1 Page - Seeed Technology Co.,Ltd.

  101990669 Datasheet HTML 1Page - Seeed Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SenseCAP SOLO CO2 Sensor
Introduction
NDIR CO2 sensor technology
High accuracy, fast response, and superior stability
Universal protocol: MODBUS RS-485 and SDI-12
Wide-range power supply: 5V ~ 16V
Easy to install and integrate
SenseCAP SOLO CO2 Sensor is a digital NDIR (nondispersive
infrared) sensor, which enables the highest accuracy in the
measurement of CO2 level in the atmosphere continuously and
accurately for long-term use. It's designed with a built-in calibration
functionality, making it more accurate and reliable in measurement.
We've also added a specially-designed PTFE filter which allows
airflow and ensures fast response. It comes with MODBUS RS485
and SDI-12 protocols, compact in size, can be easily integrated
into various application scenarios.
Features
Applications
Smart Agriculture
Building ventilation systems
Industry ventilation systems
Airport, train station, shopping mall, office, classroom and other
public places for air quality measurement an indication
Lab., warehouse, and other places to detect CO2
Specifications
Range
400 ~ 5000 ppm
Accuracy
± (50ppm+5%*MV) (in 400~3000ppm)
Resolution
1 ppm
CO2
Product Model
SOLO CO2 5000
Interface
RS-485
Protocol
MODBUS-RTU RS485/ MODBUS-
ASCII RS485/ SDI-12 (v1.4)
Response Time (T90)
<5 minutes for 90% step change
typical
IP Rating
IPx5
(the PTFE filter is not waterproof)
Operating Temperature
-10 ~50 ℃
Operating Humidity
0 ~ 85% (
non-condensing)
Cable Length
2 meters
Probe Dimensions
110 * 50 * 35 mm
Device Weight
300g
General Parameters
Power Supply
5V ~ 16V
Current Consumption
Vin=16V: 22mA (typical)
Vin=12V: 28mA (typical)
Vin=9V: 34mA (typical)
Vin=5V: 57mA (typical)
Warm-up Time
120s (typical)
Scan Interval
1s
Poll Rate
1Hz
Response Time
≤ 4ms
MODBUS RS-485
Power Supply
5V ~ 16V
Current Consumption
(Sleep Mode)
Vin=16V: 28μA (typical)
Vin=12V: 29μA (typical)
Vin=9V: 30μA (typical)
Vin=5V: 35μA (typical)
Current Consumption
(Active Mode)
Vin=16V: 20mA (typical)
Vin=12V: 27mA (typical)
Vin=9V: 33mA (typical)
Vin=5V: 55mA (typical)
Warm-up Time
15ms
Scan Interval
120s (typical)
SDI-12
Wiring Diagram
v1.0
Website: www.seeedstudio.com
Email: iot@seeed.cc
Phone: +86 755 3653 4305
Address:F9, Building G3, TCL International E City, Zhongshanyuan Road, Nanshan District, Shenzhen, China.
© 2008-2020 Seeed Technology Co., Ltd. All rights reserved.
Refer to the user manual for more details.


Similar Part No. - 101990669

ManufacturerPart #DatasheetDescription
logo
Seeed Technology Co.,Lt...
101990661 SEEEDSTUDIO-101990661 Datasheet
948Kb / 2P
SenseCAP ORCH S4
101990662 SEEEDSTUDIO-101990662 Datasheet
948Kb / 2P
SenseCAP ORCH S4
101990666 SEEEDSTUDIO-101990666 Datasheet
647Kb / 1P
RS485 & 4-20mA Current pH Sensor (S-pH-01A)
101990667 SEEEDSTUDIO-101990667 Datasheet
604Kb / 2P
RS485 Soil Moisture & Temperature & EC Sensor
101990668 SEEEDSTUDIO-101990668 Datasheet
615Kb / 2P
RS485 Soil Moisture & Temperature Sensor (S-Soil MT-02A)
More results

Similar Description - 101990669

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG811 ETC2-MG811 Datasheet
97Kb / 2P
CO2 Sensor
logo
Extech Instruments Corp...
CO250 EXTECH-CO250 Datasheet
209Kb / 10P
CO2 Meter
logo
Zhengzhou Winsen Electr...
MG-812 WINSEN-MG-812 Datasheet
534Kb / 6P
Low Power-Consumption CO2 Sensor
MH-410D WINSEN-MH-410D Datasheet
343Kb / 8P
NDIR Infrared CO2 Gas Sensor
MH-Z19C WINSEN-MH-Z19C Datasheet
1Mb / 7P
Infrared CO2 Sensor Module
logo
Sensirion AG Switzerlan...
SCD30 SENSIRION-SCD30 Datasheet
572Kb / 8P
CO2, humidity, and temperature sensor
Version 1.0
logo
E+E Elektronik Ges.m.b....
CDS201 EPLUSE-CDS201 Datasheet
1Mb / 9P
Room Sensor for CO2, Temperature and Relative Humidity
10-2023
EE820 EPLUSE-EE820 Datasheet
1Mb / 7P
CO2 Sensor for Demanding Applications
05-2023
EE850 EPLUSE-EE850 Datasheet
1Mb / 9P
CO2, Humidity and Temperature Duct Sensor
10-2022
EE8915 EPLUSE-EE8915 Datasheet
1Mb / 9P
CO2 Sensor for Railway Applications
08-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com