Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

F78BKB Datasheet(PDF) 1 Page - TUK Ltd

Part # F78BKB
Description  Category 5e Connection Boxes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

F78BKB Datasheet(HTML) 1 Page - TUK Ltd

  F78BKB Datasheet HTML 1Page - TUK Ltd F78BKB Datasheet HTML 2Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Category 5e Connection Boxes
Category 5e Connection Boxes (F78WhB+F78BkB)
Features:
•
Full compliance with Category 5e standard requirements for a consolidation point
•
Quick release lid
•
Robust outer casing
•
Patented cable retention clip
•
Supplied with fixing screws and adhesive pad for optional mounting
•
IDC's - industry standard 'Krone LSA+' type
Specifications:
DIMENSIONS (mm): 55 x 35 x 24.5 approx
MATERIALS
•
Outer casing: ABS
•
Contacts: Nickel over copper
•
PCB: FR4
•
Colour: Black or White


Similar Part No. - F78BKB

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
F78 ZFSWITCHES-F78 Datasheet
365Kb / 3P
PANEL MOUNT PUSHBUTTON - DOUBLE POLE
logo
PANDUIT CORP.
F78-10-M PANDUIT-F78-10-M Datasheet
84Kb / 2P
Ferrules, Non-Insulated
F78-12-M PANDUIT-F78-12-M Datasheet
84Kb / 2P
Ferrules, Non-Insulated
F78-15-M PANDUIT-F78-15-M Datasheet
84Kb / 2P
Ferrules, Non-Insulated
F78-18-M PANDUIT-F78-18-M Datasheet
84Kb / 2P
Ferrules, Non-Insulated
More results

Similar Description - F78BKB

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
NSJ5EB24 HUBBELL-NSJ5EB24 Datasheet
383Kb / 1P
Category 5e Jack
NSJ5EBK24 HUBBELL-NSJ5EBK24 Datasheet
374Kb / 1P
Category 5e Jack
NSJ5EGN24 HUBBELL-NSJ5EGN24 Datasheet
376Kb / 1P
Category 5e Jack
NSJ5EGY HUBBELL-NSJ5EGY Datasheet
285Kb / 1P
Category 5e Jack
NSJ5EGY24 HUBBELL-NSJ5EGY24 Datasheet
374Kb / 1P
Category 5e Jack
NSJ5ELA HUBBELL-NSJ5ELA Datasheet
291Kb / 1P
Category 5e Jack
NSJ5ER HUBBELL-NSJ5ER Datasheet
291Kb / 1P
Category 5e Jack
NSJ5ER24 HUBBELL-NSJ5ER24 Datasheet
380Kb / 1P
Category 5e Jack
NSJ5EW HUBBELL-NSJ5EW Datasheet
296Kb / 1P
Category 5e Jack
logo
Belden Inc.
1585A BELDEN-1585A Datasheet
266Kb / 3P
Category 5e Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com