Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OC4USB Datasheet(PDF) 1 Page - Fluke Corporation

Part # OC4USB
Description  Power Quality Analyzers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

OC4USB Datasheet(HTML) 1 Page - Fluke Corporation

  OC4USB Datasheet HTML 1Page - Fluke Corporation OC4USB Datasheet HTML 2Page - Fluke Corporation OC4USB Datasheet HTML 3Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fluke Corporation
P.O. Box 9090
Everett, WA USA 98206
Fluke Europe B.V.
P.O. Box 1186
5602 BD Eindhoven
The Netherlands
For more information call:
In the U.S.A. (800) 443-5853
or Fax (425) 446 -5116
In Europe/M-East/Africa
+31 (0)40 2 675 200
or Fax +31 (0)40 2 675 222
In Canada (905) 890-7600
or Fax (905) 890-6866
From other countries +1 (425) 446 -5500
or Fax +1 (425) 446 –5116
Visit us on the worldwide web at:
www.fluke.com
Fluke (UK) Ltd.
52 Hurricane Way
Norwich
Norfolk
NR6 6JB
United Kingdom
Tel.: (020) 7942 0700
Fax: (020) 7942 0701
E-mail: industrial@uk.fluke.nl
Visit us on the worldwide web at:
www.fluke.co.uk
Fluke. Keeping your world up and running.TM
Power Quality Analyzers
Analyze your power network quickly
●●
●
●●
●●
●●
●
●
●
Features
In industry, healthcare, and business
– in fact wherever electrical and
electronic equipment is indispensable
– power quality plays a critical role
in maintaining continuity. Non-linear
loads, switching, load changes and
equipment problems can result in
poor power quality. Poor power
quality is not only costly in terms of
wasted energy and unnecessary
downtime, it’s also dangerous and
increases risk of equipment failure.
Fluke has an unrivalled range of
power quality analyzers to help you
maintain high-quality power systems.
The tools give you the power to
analyze every parameter, power-
related event or anomaly faster, safer
and in more detail than ever before.
Check the Fluke web site for Technical Specifications
and Application Notes with the Fluke power quality
analyzers.
435
434
43B
Application
Three-phase
Single-phase
Inputs
4 voltage and 4 current
1 voltage and
(for 3 phases and neutral)
1 current
Measurements
Vrms, Arms, Hz, W, VAR, VA, PF, Cos
ϕ (DPF),
Crest Factors
Harmonics and THD (V,A,W), k-factor
Inter-harmonics
kWh and kVARh, kVAh, demand interval
Flicker (Plt, Pst, PF5)
Unbalance
Mains signaling
Optional*
Recorder/AutoTrend
Logger
Optional*
System-Monitor (EN50160 compliance)
Real time scope/Phasor diagrams
Dips and swells/Half cycle based
Transient display
Inrush current
IEC61000-4-30, -4-7, -4-15 compliance
Class A
Class B
Built-in general purpose Scope and DMM
Memory (screens/data)
50/10
50/10
20 for screens and
data
Memory size
16MB**
8 MB**
FlukeView software and interface cable
Depending on
configuration
Power Log Software
Optional*
-
EN61010 safety rating
600 V CAT IV/1000 V CAT III
600 V CAT III
Current clamps included
4 x i430 Flex
4 x i400S
i400S
* Optional functionality can be added with Logger upgrade kit. For details see ordering information.
** Logger uses user-configurable shared memory.
All configurations are delivered with test leads, probes, clips,
battery pack, banana-to-BNC adapter and line voltage adapter/battery charger.
43Basic
43B
43Kit
i400s Current Clamp
SW43W FlukeView Software
OC4USB Serial Interface Adapter Cable (USB)
C120 Hard Case
VPS40 Voltage Probe
Fluke 61 IR Thermometer
VR101S Voltage Event Recorder
Fluke 43B
A choice of three configurations
●●
●
●●
●
●●
●●
-
●●
-
●●
-
●
-
●/●●/●●/-
●
-
●●
-
●/●●/●●/-
●/●●/●●/-
●●
●
●●
●
-
--
●
●●
●
© Copyright 2006, Fluke Corporation. All rights reserved.
Printed in the Netherlands 04/06
Data subject to alteration without notice.
Pub_ID: 11097-eng


Similar Part No. - OC4USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC4USB ETC2-OC4USB Datasheet
149Kb / 1P
Optical Cable for USB
More results

Similar Description - OC4USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WM2-96 ETC2-WM2-96 Datasheet
201Kb / 9P
Energy Management Modular Power Analyzers
logo
Extech Instruments Corp...
PQ3350-1 EXTECH-PQ3350-1 Datasheet
370Kb / 1P
3-Phase Power & Harmonics Analyzers
PQ3350-3 EXTECH-PQ3350-3 Datasheet
370Kb / 1P
3-Phase Power & Harmonics Analyzers
PQ3350-1 EXTECH-PQ3350-1_15 Datasheet
370Kb / 1P
3-Phase Power & Harmonics Analyzers
PQ3350-3 EXTECH-PQ3350-3_15 Datasheet
370Kb / 1P
3-Phase Power & Harmonics Analyzers
logo
Keysight Technologies
PA2200 KEYSIGHT-PA2200 Datasheet
817Kb / 19P
IntegraVision PA2200 Series Power Analyzers
PA2203A KEYSIGHT-PA2203A Datasheet
817Kb / 19P
IntegraVision PA2200 Series Power Analyzers
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
Network Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
Chemical analyzers
logo
Carlo Gavazzi Holding A...
CPA050 CARLOGAVAZZI-CPA050 Datasheet
2Mb / 24P
Contactless power analyzers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com