Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RX414110C Datasheet(PDF) 2 Page - Tyco Electronics

Part # RX414110C
Description  Power PCB Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RX414110C Datasheet(HTML) 2 Page - Tyco Electronics

  RX414110C Datasheet HTML 1Page - Tyco Electronics RX414110C Datasheet HTML 2Page - Tyco Electronics RX414110C Datasheet HTML 3Page - Tyco Electronics RX414110C Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Insulation
Dielectric strength
coil-contacts
4000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage
8 / 8 mm
Insulation to IEC 60664
Voltage rating
250 V
Pollution degree
3
Overvoltage category
III
Insulation dimensions
coil-contacts
reinforced insulation
contact-contact
basic / functional insulation
across open contacts
micro-disconnection
Tracking resistance of relay base
CTI 250
Power PCB Relay RX
1 pole (12 or 16 A) or 2 pole (8 A)
DC or AC-coil
Coil versions, AC-coil
Coil
Nominal
Pull-in
Release
Maximum
Coil
Coil
code
voltage
voltage
voltage
voltage
resistance
current
Vac
Vac
Vac
Vac
c
mA
524
24
18.0
3.6
36.0
350+10%
31.6
615
115
86.3
17.3
172.5
8100+15%
6.6
730
230
172.5
34.5
345.0
32500+15%
3.2
All figures are given for coil without preenergization, at ambient temperature +20°C
Other data
Flammability class according to UL 94
standard / transparent cover
V-0 / HB
Coil insulation system according to UL 1446
Class F
Min. ambient temperature
-40 °C
Max. ambient temperature / mounting distance
1pole
2pole
DC-coil
85 °C 1) / 2.5 mm
70 °C / 2.5 mm
AC-coil
70 °C / 2.5 mm
70 °C / 5 mm
Mechanical life
DC-coil
>5x106 operations
AC-coil
>1x106 operations
Max. switching rate at rated- / minimum load
6 min-1 / 600 min-1
Operate- / release time DC-coil
typ. 7 / 2 ms
Bounce time N/O contact/N/C contact
typ. 1 / 3 ms
Vibration resistance N/O
20 g, 10...150 Hz
Shock resistance (destruction)
100 g
Category of protection (IEC 61810)
RT II - flux proof, RT III - wash tight 2)
Relay weight
13 g
Packaging unit
500 pcs.
1)
version with transparent cover: 70°C
2)
version with transparent cover: RTII only



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com