Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CC2591RGVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CC2591RGVT
Description  2.4-GHz RF Front End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2591RGVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2591RGVT Datasheet HTML 2Page - Texas Instruments CC2591RGVT Datasheet HTML 3Page - Texas Instruments CC2591RGVT Datasheet HTML 4Page - Texas Instruments CC2591RGVT Datasheet HTML 5Page - Texas Instruments CC2591RGVT Datasheet HTML 6Page - Texas Instruments CC2591RGVT Datasheet HTML 7Page - Texas Instruments CC2591RGVT Datasheet HTML 8Page - Texas Instruments CC2591RGVT Datasheet HTML 9Page - Texas Instruments CC2591RGVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CC2591EM Evaluation Module
RF_P
RXTX
RF_N
RF_P
RXTX
RF_N
= TLINE inductor
CC2591
ANT
PAEN
EN
HGM
VDD
VDD VDD
VDD
RF_P
RXTX
RF_N
R151
PAEN
EN
C111
L112
C161
C11/C12
C101/C102
C131/C132
HGM
RXTX
C2
LDB182G4520C-110
Balun
SMA
SMA
L111
CC2591
SWRS070A – MARCH 2008 – REVISED JUNE 2008 ........................................................................................................................................................ www.ti.com
Figure 2. CC2591EM Evaluation Module
Table 2. List of Materials (See CC2591EM Reference Design)
DEVICE
FUNCTION
VALUE
L112
Part of antenna match.
1.5 nH: LQW15AN1N5B00 from Murata
L111
DC block.
1 nF: GRM1555C1H102JA01 from Murata
C111
Part of antenna match.
1 pF: GRM1555C1H1R0BZ01 from Murata
C161
Decoupling capacitor.
1 nF: GRM1555C1H102JA01 from Murata
10 pF || 1 nF. The smallest cap closest. See CC2591EM
reference design for placement.
C11/C12
Decoupling. Will affect PA resonance.
10 pF: GRM1555C1H100JZ01 from Murata
1 nF: GRM1555C1H102JA01 from Murata
18 pF || 1 nF. The smallest cap closest. See for
CC2591EM reference design placement.
C101/C102
Decoupling. Will affect PA resonance.
18 pF: GRM1555C1H180JZ01 from Murata
1 nF: GRM1555C1H102JA01 from Murata
10 pF || 1 nF. The smallest cap closest. See CC2591EM
reference design for placement.
C131/C132
Decoupling. Will affect PA resonance.
10 pF: GRM1555C1H100JZ01 from Murata
1 nF: GRM1555C1H102JA01 from Murata
C2
Decoupling of external balun
1 nF: GRM1555C1H102JA01 from Murata
TL11
Transmission line. Will affect PA resonance.
See CC2591EM reference design.
TL101
Transmission line. Will affect PA resonance.
See CC2591EM reference design.
TL131
Transmission line. Will affect LNA resonance.
See CC2591EM reference design.
R151
Bias resistor
4.3 k
Ω: RK73H1ETTP4301F from Koa
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CC2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com