Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI6C3503 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C3503
Description  Low Power Spread Spectrum Frequency Multiplier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C3503 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C3503 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C3503 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C3503 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C3503 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C3503 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C3503 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C3503 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C3503 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C3503 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
PS8929A
02/19/08
PI6C3503
Low Power Spread
Spectrum Frequency Multiplier
DESCRIPTION: 6-Pin Small Outline Transistor
Plastic Package, SOT-23
PACKAGE CODE: T
DOCUMENT CONTROL NO.
PD - 1912
REVISION: C
DATE: 03/09/05
Notes:
1)
Controlling dimensions in millimeters
2)
Ref: EIAJ SC-74A
3)
Foot length is measured at flat portion of foot, reference to Datum “A”
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
0.102
0.118
BSC
0.60
0.000
0.005
0.00
0.15
0.014
0.019
0.35
0.50
1.50
1.75
0.059
0.068
0.10
0.023
0.004
1.45 MAX.
SEATING
PLANE
0.057
0º - 10º
1.90
0.075
0.037
BSC
2.60
3.00
0.95
0.110
0.118
2.80
3.00
X.XX
X.XX
Datum "A"
DENOTES DIMENSIONS
IN MILLIMETERS
2
5
3
64
Physical Dimensions
Packaging Mechanical: 6-Pin, SOT-23
08-0035



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com