Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

JS-254 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # JS-254
Description  MICRO SWITCH™ HM Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

JS-254 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  JS-254 Datasheet HTML 1Page - Honeywell Solid State Electronics Center JS-254 Datasheet HTML 2Page - Honeywell Solid State Electronics Center JS-254 Datasheet HTML 3Page - Honeywell Solid State Electronics Center JS-254 Datasheet HTML 4Page - Honeywell Solid State Electronics Center JS-254 Datasheet HTML 5Page - Honeywell Solid State Electronics Center JS-254 Datasheet HTML 6Page - Honeywell Solid State Electronics Center JS-254 Datasheet HTML 7Page - Honeywell Solid State Electronics Center JS-254 Datasheet HTML 8Page - Honeywell Solid State Electronics Center JS-254 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 sensing.honeywell.com
What makes our switches better?
Precisely detects position of mechanical components within
a particular system that is susceptible to physical and atmo-
spheric (corrosive gas, oxygen, etc.) elements
Consistent and precise performance in a hermetic-sealed
package for adverse, inclement environments
Functionality over a large temperature range – can tolerate
very low and high temperatures
Honeywell can create value-added HM assemblies for
unique, custom applications beyond a simple HM switch
HM switches are available with MIL-PRF-8805 qualifications
or UL 508 certifications
MICRO SWITCH™ HM Series
Hermetic Sealed Basic Switches
Honeywell HM hermetic sealed miniature basic switches are designed for a variety of commercial and military aircraft
as well as equipment for deep space applications (high altitude requirements). These miniature hermetic sealed
switches can be found in a variety of other applications including military land vehicles, marine environments, and
other harsh industrial environments. The switches are available as a MIL-PRF-8805 qualified switch. Select HM
switches are available with UL 508 certification for industrial or surface transportation applications. The MICRO
SWITCH™ HM hermetic sealed switch design incorporates the glass-to-metal and metal-to-metal sealing with more
than 50 years of use in multiple applications.
The hermetically sealed HM basic switches are ideal where a symbol 5 seal is required for stringent applications
including a wide range of temperatures from -184 °C to 260 °C [-300 °F to 500 °F]. Designed with a stainless steel
housing and hermetic seal construction, the HM switches are suitable for applications where dust, water, other
particulate contaminants, and corrosive gases are present.
The HM basic switch provides versatility with bifurcated gold contacts for controlling low energy loads (mA and mV)
reliably or silver contacts for switching power duty loads at 30 vdc or 115 Vac, 400 Hz. Electrical connectivity to the
switch is achieved with individual wire leads or “through hole” solder posts adding to the versatility of the HM switch.
HIGH PERFORMANCE • DURABILITY
CONFIGURABLE • COMPACT
HM Series: when you need a
switch with out-of-this-world
performance!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com