Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

JS-307 Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # JS-307
Description  MICRO SWITCH™ HM Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

JS-307 Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button JS-307 Datasheet HTML 3Page - Honeywell Solid State Electronics Center JS-307 Datasheet HTML 4Page - Honeywell Solid State Electronics Center JS-307 Datasheet HTML 5Page - Honeywell Solid State Electronics Center JS-307 Datasheet HTML 6Page - Honeywell Solid State Electronics Center JS-307 Datasheet HTML 7Page - Honeywell Solid State Electronics Center JS-307 Datasheet HTML 8Page - Honeywell Solid State Electronics Center JS-307 Datasheet HTML 9Page - Honeywell Solid State Electronics Center JS-307 Datasheet HTML 10Page - Honeywell Solid State Electronics Center JS-307 Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
sensing.honeywell.com
MICRO SWITCH™ Hermetic Sealed Basic Switches
O.F. • Operating force
R.F. • Release force
P.T. • Pretravel
O.T. • Overtravel
D.T. • Differential travel
O.P. • Operating position
MICRO SWITCH™ HM SERIES PRODUCT SPECIFICATIONS AND LISTINGS
Contact your Honeywell rep or distributor for additional listings
Catalog
Listing
Temperature
range
Termi-
nation
O.F.
max.
g [oz]
R.F.
max.
g [oz]
P.T.
max.
mm
[in]
O.T.
min.
mm
[in]
D.T.
max.
mm
[in]
O.P.
mm
[in]
Comment
11HM1
[MS 27216-5]
A
-184 °C to 121 °C
[-300 °F to 250 °F]
Thru-hole
solder post
198 [7]
28 [1]
0,76
[0.03]
0,08
[0.003]
0,15
[0.006]
8,38
[0.33]
MIL-PRF 8805
applications
11HM1
[UL 508]
G
-65 °C to 125 °C
[-85 °F to 257 °F]
Thru-hole
solder post
198 [7]
28 [1]
0,76
[0.03]
0,08
[0.003]
0,15
[0.006]
8,38
[0.33]
UL 508
applications
13HM1
B
-184 °C to 121 °C
[-300 °F to 250 °F]
Thru-hole
solder post
198 [7]
28 [1]
0,76
[0.03]
0,08
[0.003]
0,15
[0.006]
8,38
[0.33]
Gold
contacts
9HM1
[MS27216-6]
C
-184 °C to 121 °C
[-300 °F to 250 °F]
Thru-hole
solder post
198 [7]
28 [1]
0,76
[0.03]
0,08
[0.003]
0,15
[0.006]
8,38
[0.33]
MIL-PRF 8805,
bifurcated gold
contacts
9HM1
[UL 508]
F
-65 °C to 125 °C
[-85 °F to 257 °F]
Thru-hole
solder post
198 [7]
28 [1]
0,76
[0.03]
0,08
[0.003]
0,15
[0.006]
8,38
[0.33]
UL 508
applications,
bifurcated gold
contacts
2HM19-1
[MS27216-2]
D
-65 °C to 125 °C
[-85 °F to 257 °F]
Wire leads
(3) 305 mm
[12 in]
198 [7]
28 [1]
0,76
[0.03]
0,08
[0.003]
0,15
[0.006]
8,38
[0.33]
MIL-PRF 8805
applications
2HM19-5
[MS27216-4]
D
-65 °C to 125 °C
[-85 °F to 257 °F]
Wire leads
(3) 1524 mm
[60 in]
198 [7]
28 [1]
0,76
[0.03]
0,08
[0.003]
0,15
[0.006]
8,38
[0.33]
MIL-PRF 8805
applications
16HM1-1
A
-65 °C to 260 °C
[-85 °F to 500 °F]
(-184 °C [-300 °F]
if wires non-flexing)
Wire leads
(3) 305 mm
[12 in]
198 [7]
28 [1]
0,76
[0.03]
0,08
[0.003]
0,15
[0.006]
8,38
[0.33]
Up to 260 °C
[500 °F]
15HM2
A
-65 °C to 260 °C
[-85 °F to 500 °F]
Thru-hole
post
198 [7]
28 [1]
0,76
[0.03]
0,08
[0.003]
0,15
[0.006]
8,38
[0.33]
Up to 260 °C
[500 °F]
15HM5
A
-184 °C to 260 °C
[-300 °F to 500 °F]
Thru-hole
solder post
198 [7]
28 [1]
0,76
[0.03]
0,08
[0.003]
0,10
[0.004]
8,38
[0.33]
Up to 260 °C
[500 °F]
5HM1
E
-184 °C to 260 °C
[-300 °F to 500 °F]
Thru-hole
solder post
198 [7]
28 [1]
0,76
[0.03]
0,08
[0.003]
0,15
[0.006]
8,38
[0.33]
Up to 260 °C
[500 °F]
5HM1
[UL 508]
J
-65 °C to 260 °C
[-85 °F to 500 °F]
Thru-hole
solder post
198 [7]
28 [1]
0,76
[0.03]
0,08
[0.003]
0,15
[0.006]
8,38
[0.33]
UL 508
applications
19HM1
C
-184 °C to 260 °C
[-300 °F to 500 °F]
Thru-hole
solder post
198 [7]
28 [1]
0,76
[0.03]
0,08
[0.003]
0,15
[0.006]
8,38
[0.33]
Up to 260 °C
[500 °F]
19HM1
[UL 508]
H
-65 °C to 260 °C
[-85 °F to 500 °F]
Thru-hole
solder post
198 [7]
28 [1]
0,76
[0.03]
0,08
[0.003]
0,15
[0.006]
8,38
[0.33]
UL 508
applications
19PA137-
HM*
–
–
–
–
–
–
–
–
–
Force
spreading
plate
* Recommended to minimize force on housing of HM switch and any resulting damage to switch housing.
Note: Torque on #2 mounting screws must not exceed 0,17 Nm [1.5 in-lb]. The force spreading plate, 19PA137-HM, will allow up to 0,28 Nm [2.5 in-lb] of mounting torque.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com