Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AML32FBC4AD Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # AML32FBC4AD
Description  Advanced Manual Line
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML32FBC4AD Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  AML32FBC4AD Datasheet HTML 1Page - Honeywell Solid State Electronics Center AML32FBC4AD Datasheet HTML 2Page - Honeywell Solid State Electronics Center AML32FBC4AD Datasheet HTML 3Page - Honeywell Solid State Electronics Center AML32FBC4AD Datasheet HTML 4Page - Honeywell Solid State Electronics Center AML32FBC4AD Datasheet HTML 5Page - Honeywell Solid State Electronics Center AML32FBC4AD Datasheet HTML 6Page - Honeywell Solid State Electronics Center AML32FBC4AD Datasheet HTML 7Page - Honeywell Solid State Electronics Center AML32FBC4AD Datasheet HTML 8Page - Honeywell Solid State Electronics Center AML32FBC4AD Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Manual Switches
AML31/32 Series
Power Duty Pushbutton
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
33
INCANDESCENT, NEON, OR NON-LIGHTED DISPLAY
Buttons ordered separately.
Electrical Data
page 19
Buttons
page 42
Lamps and LEDs
page 58
Accessories
pages 56, 57
Mounting Dimensions
page 60
FEATURES
UL recognized, CSA certified.
AML31 lamp circuit independent of
switch circuit.
*
*
*AML31 Series: 2-pole.
*AML32 Series: 2-pole.
CONTACT ARRANGEMENT
2 poles (Form X)
AML31 ORDER GUIDE
AML31 accepts one incandescent lamp which can be furnished installed or ordered separately.
AML31 E
B
A
4
AC
Housing
Bezel
Incandescent
Terminal
Circuitry
Type
Color
Lamp Type
Type
Codes
Standard Bezel:
B
A
4
2-Pole, Single-Throw
AML31E Rect. Non-Lighted
Black
No Lamp Installed
.187 × .020
Normally-Open, Form X:
AML31F Rect. 1 Lamp Ckt.
(Solder or
Quick-Connect
AD
AC
B
6 V Lamp*
C
14 V Lamp*
E
28 V Lamp*
Alt.
Action
Mom.
Action
Full Guard Bezel:
AML31K Rect. Non-Lighted
AML31L Rect. 1 Lamp Ckt.
* Lamps will be installed per each lamp circuit specified in the Housing Type.
Example: AML31EBA4AC
Rectangular pushbutton switch housing,
non-lighted; black bezel; .187 × .020 ter-
minals; momentary action; 2-pole, single-
throw, normally open, Form X.
AML32 ORDER GUIDE
AML32 has neon lamp wired to 125 or 250 VAC resistor.
AML32 F
B
C
7
AC
Housing
Bezel
Neon Lamp
Terminal Type
Circuitry
Type
Color
Voltage/Color
Lamp Circuit
Codes
Standard Bezel:
B
Red
4
2-Pole, Single-Throw
Normally-Open, Form X:
AML32F Rect. 1 Neon Lamp
Black
B 125 VAC
.187 × .020
C 250 VAC
(Solder or
Quick-Connect)
with isolated
lamp circuit
7
.187 × .020
with integral
lamp circuit
AD
Alt.
Action
AC
Mom.
Action
Full Guard Bezel:
AML32L Rect. 1 Neon Lamp
Clear
K 125 VAC
L 250 VAC
Green
M 125 VAC
P 250 VAC
Example: AML32FBC7AC
Rectangular pushbutton switch housing;
black bezel; 250 volt, red neon lamp; .187
× .020 terminals with integral lamp cir-
cuit; momentary action; 2-pole, single-
throw, normally open, Form X.
Isolated neon circuit
Integral neon circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com