Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP43303 Datasheet(PDF) 4 Page - SIPAT Co,Ltd

Part # SP43303
Description  433.92MHz RF SAW Filter 1.7MHz Bandwidth
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43303 Datasheet(HTML) 4 Page - SIPAT Co,Ltd

  SP43303 Datasheet HTML 1Page - SIPAT Co,Ltd SP43303 Datasheet HTML 2Page - SIPAT Co,Ltd SP43303 Datasheet HTML 3Page - SIPAT Co,Ltd SP43303 Datasheet HTML 4Page - SIPAT Co,Ltd SP43303 Datasheet HTML 5Page - SIPAT Co,Ltd SP43303 Datasheet HTML 6Page - SIPAT Co,Ltd SP43303 Datasheet HTML 7Page - SIPAT Co,Ltd SP43303 Datasheet HTML 8Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP43303
Rev. Date
2006-7-19
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 4/8
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
433.92MHz RF SAW Filter
1.7MHz Bandwidth
Part Number: SP43303
4. Reliability
4.1 Mechanical Shock: The components shall remain within the electrical specifications after
three one-half sine shock pulses(3000g’s for 0.3 ms) in each direction(for six total) along
each of the three mutually perpendicular axes for a total of 18 shocks.
4.2 Vibration Fatigue: The components shall remain within the electrical specifications after
loaded vibration at 20~55Hz, amplitude 1.5mm, X,Y,Z, direction, for 2 hours.
4.3 Leak Test
4.3.1 Gross Leak Test: Submerge samples into at +85
water for at least 1 minute. Carefully
℃
observe the
samples. No bubbles should be seen.
4.3.2 Fine Leak Test: Expose samples for testing to 60 PSIG Helium gas for 2 hours. Then
transfer the same
samples to another chamber and draw a vacuum. Measure the leak rate. Failure is defined
if the leak rate
exceeds 5×10
-8 atm cc/sec Helium.
4.4 High Temperature Storage: The components shall remain within the electrical
specifications after being kept at the 85 ±2 for 960 hours, then kept at room
℃℃
temperature for 2 hours.
4.5 Low Temperature Storage: The components shall remain within the electrical specifications
after being kept at the –40 ±2 for 960 hours, then kept at room temperature for 2 hours.
℃℃
4.6 Temperature Cycle: The components shall remain within the electrical specification after
32 cycles of high and low temperature testing (one cycle: 80
for 30 minutes → 25
for
℃℃
20 seconds → -40
for 30 minutes) than kept at room temperature for 2 hours.
℃
4.7 Humidity Test: The components shall remain within the electrical specifications after being
kept at the condition of ambient temperature 70 , and 90~95% RH for 240 hours, then
℃
kept at room temperature and normal humidity for 4 hours.
4.8 Solder-heat Resistance: The components shall remain within the electrical specifications
after dipped in the solder at 260 ±5
for 10 to 11 seconds, then kept at room
℃℃
temperature for 10 minutes.
4.9 Solderability: Solderability of terminal shall be kept at more than 80% after dipped in the
solder flux at 230 ±5
for 5±1 seconds.
℃℃
4.10 Storage: The components shall meet the electrical and mechanical specifications after 5
years storage, if stored within the temperature range of -40 ~+85
and in the humidity of
℃℃
20 to 60% r.h.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com