Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CFN0603-FZ-R005ELF Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CFN0603-FZ-R005ELF
Description  CFN Series Metal Foil, Current Sense Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CFN0603-FZ-R005ELF Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CFN0603-FZ-R005ELF Datasheet HTML 1Page - Bourns Electronic Solutions CFN0603-FZ-R005ELF Datasheet HTML 2Page - Bourns Electronic Solutions CFN0603-FZ-R005ELF Datasheet HTML 3Page - Bourns Electronic Solutions CFN0603-FZ-R005ELF Datasheet HTML 4Page - Bourns Electronic Solutions CFN0603-FZ-R005ELF Datasheet HTML 5Page - Bourns Electronic Solutions CFN0603-FZ-R005ELF Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3312 - 2 mm SMD Trimming Potentiometer
CFN Series Metal Foil, Current Sensing Chip Resistor
Packaging Dimensions (Conforms to EIA RS-481A)
9.0 ± 1.0
(.354 ± .039)
60.0 ± 1.0
(2.362 ± .039)
DIA.
DIA.
DIA.
11.5 ± 1.0
(.453 ± .039)
178 ± 2.0
(7.008 ± .079)
13.0 ± 1.0
(.512 ± .039)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
DIMENSIONS:
MM
(INCHES)
DIRECTION OF UNREELING
AP1
T
Top Tape
Bottom Tape
2.00
(.079)
8.00
(.315)
3.50
(.138)
B
1.75
(.069)
1.50
(.059)
4.00
(.157)
DIA.
Resistor
Paper Tape
Model
A
B
P1
T
CFN0402
0.75
(.030)
1.30
(.051)
2.00
(.079)
0.65
(.026)
CFN0603
1.10
(.043)
1.90
(.075)
4.00
(.157)
0.85
(.034)
CFN0805
1.60
(.063)
2.40
(.094)
1.05
(.041)
CFN1206
2.00
(.079)
3.60
(.142)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com