Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CE201210-R12J Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CE201210-R12J
Description  CE201210 Series - Multi-Layer Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CE201210-R12J Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CE201210-R12J Datasheet HTML 1Page - Bourns Electronic Solutions CE201210-R12J Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
n
0805 size
n
Available in E12 Series
n
High frequency
n
Nickel barrier
n
RoHS compliant*
CE201210 Series - Multi-Layer Chip Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and
RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Temperature Rise
.................30 °C max. at rated current
Operating Temperature
................................-40 °C to +105 °C
Storage Temperature
................................-40 °C to +105 °C
Reflow Soldering .. 230 °C, 50 sec. max.
Resistance to Soldering Heat
................................... 260 °C, 10 sec.
Electrical Specifications
Bourns
Part No.
Inductance
Q
Typ.
Test
Frequency
SRF
MHz
DCR
I rms
nH
Tol. %
@100 MHz
L MHz
Min.
mohm
Max.
mA
Max.
CE201210-1N5D 1.5
± 0.3 nH
21
100
4000
100
300
CE201210-1N8D 1.8
± 0.3 nH
18
100
4000
100
300
CE201210-2N2D 2.2
± 0.3 nH
18
100
4000
100
300
CE201210-2N7D 2.8
± 0.3 nH
19
100
4000
100
300
CE201210-3N3J
3.3
± 5
16
100
4000
130
300
CE201210-3N9J
3.9
± 5
18
100
4000
150
300
CE201210-4N7J
4.7
± 5
18
100
3500
200
300
CE201210-5N6J
5.6
± 5
20
100
3200
230
300
CE201210-6N8J
6.8
± 5
20
100
2800
250
300
CE201210-8N2J
8.2
± 5
21
100
2400
280
300
CE201210-10NJ
10
± 5
20
100
2100
300
300
CE201210-12NJ
12
± 5
21
100
1900
350
300
CE201210-15NJ
15
± 5
22
100
1600
400
300
CE201210-18NJ
18
± 5
24
100
1500
450
300
CE201210-22NJ
22
± 5
23
100
1400
500
300
CE201210-27NJ
27
± 5
23
100
1300
550
300
CE201210-33NJ
33
± 5
24
100
1200
600
300
CE201210-39NJ
39
± 5
23
100
1000
650
300
CE201210-47NJ
47
± 5
23
100
900
700
300
CE201210-56NJ
56
± 5
23
100
800
750
300
CE201210-68NJ
68
± 5
25
100
700
800
300
CE201210-82NJ
82
± 5
24
100
600
900
300
CE201210-R10J
100
± 5
23
100
600
900
300
CE201210-R12J
120
± 5
22
50
500
950
300
CE201210-R15J
150
± 5
22
50
500
1000
300
CE201210-R18J
180
± 5
23
50
400
1100
300
CE201210-R22J
220
± 5
20
50
350
1200
300
CE201210-R27J
270
± 5
20
50
300
1300
300
CE201210-R33J
330
± 5
22
50
250
1400
300
CE201210-R39J
390
± 5
17
50
250
1300
300
CE201210-R47J
470
± 5
17
50
200
1500
300
General Specifications
Base Material.............................Ceramic
Terminal....................................Ag/Ni/Sn
Packaging:
CE201210-1N5D
through
CE201210-82NJ....4,000 pcs. per reel
CE201210-R10J
through
CE201210-R27J....4,000 pcs. per reel
CE201210-R33J
through
CE201210-R47J....2,000 pcs. per reel
Materials
Product Dimensions
Recommended Layout
2.0 ± 0.2
(.079 ± .008)
A ± 0.20
(A ± 0.008)
0.5 ± 0.3
(0.02 ± 0.008)
1.25 ± 0.2
(.049 ± 0.08)
1.0
(.039)
1.0
(.039)
3.0
(.118)
Packaging Specifications
9.0
(.354)
12.0
(.472)
2.0 ± 0.8
(.079 ± .031)
60.0
(2.362)
178.0
(7.00)
DIA.
13.5 ± 0.5
(.531 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
DIMENSIONS:
MM
(INCHES)
Model
Dimension A
CE201210-1N5D through
CD201210-82NJ
0.83
(0.033)
CE201210-R10J through
CE201210-R39J
1.00
(0.039)
CE201210-R47J
1.25
(0.050)
This series is currently available but
not recommended for new designs.


Similar Part No. - CE201210-R12J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CE201210-R12J BOURNS-CE201210-R12J Datasheet
208Kb / 2P
Multi-Layer Chip Inductors
CE201210-R12J BOURNS-CE201210-R12J Datasheet
259Kb / 2P
Multi-Layer Chip Inductors
More results

Similar Description - CE201210-R12J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
Multi-Layer Chip Inductors
CI201210 BOURNS-CI201210 Datasheet
751Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808 Datasheet
253Kb / 2P
Multi-Layer Chip Inductors
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
Ferrite Multi-Layer Chip Inductors
CV201210 BOURNS-CV201210 Datasheet
252Kb / 2P
Series - Ferrite Multi-Layer Chip Inductors
CE201210 BOURNS-CE201210 Datasheet
208Kb / 2P
Multi-Layer Chip Inductors
CE201210 BOURNS-CE201210_12 Datasheet
259Kb / 2P
Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505_12 Datasheet
103Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808_11 Datasheet
218Kb / 2P
Multi-Layer Chip Inductors
logo
Central Technologies
CT0201F CT-CT0201F Datasheet
86Kb / 1P
Multi-layer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com