Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

6180 4792 Datasheet(PDF) 1 Page - Lapp.

Part # 6180 4792
Description  SILVYN® LCC-2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

6180 4792 Datasheet(HTML) 1 Page - Lapp.

  6180 4792 Datasheet HTML 1Page - Lapp. 6180 4792 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
61804702
SILVYN
® LCC-2
valid from:
20.01.2014
elaborated by:
TE-VZ: M. Steinberg
Document:
DB61804702_2EN
page 1 of 2
SILVYN
® LCC-2 consists of enclosed, wounded and highly flexible metal
conduit of galvanized steel strip with a PVC-outer sheath.
For use under heavy conditions particularly suitable, influences from water,
oil and chemicals by extremely mechanical load and changing temperatures.
Material:
Galvanized steel
PVC
–outer sheath
Characteristics:
Highly flexible
Tensile strength (120 kg/size 20)
Cross compression resistant (350 kg/100 mm/size 20)
Self-extinguishing to EN 61386-1
Resistance:
Good resistance to acids, oils and chemicals
High mechanical protection
UV-resistant according to UL 1660 and ASTM G155
Temperature range:
-15°C up to +70°C
Colour:
Black
Technical data:
Part no.
Conduit
Diameter
mm
Min.
Bending radius
mm
inner
outer
6180 4702
SILVYN
® LCC-2/10
6,8
10,0
25
6180 4712
SILVYN
® LCC-2/12
10,2
14,0
30
6180 4722
SILVYN
® LCC-2/16
13,0
17,0
40
6180 4732
SILVYN
® LCC-2/20
16,9
21,5
45
6180 4742
SILVYN
® LCC-2/25
21,1
26,0
55
6180 4752
SILVYN
® LCC-2/32
28,1
34,0
70
6180 4762
SILVYN
® LCC-2/40
37,6
44,5
80
6180 4772
SILVYN
® LCC-2/50
48,4
55,0
90
6180 4792
SILVYN
® LCC-2/63
57,5
64,5
115


Similar Part No. - 6180 4792

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
6180 GILWAY-6180 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
TT Electronics.
6180 TTELEC-6180 Datasheet
462Kb / 4P
Single turn
Issue B 02/2015
logo
Schurter Inc.
6180.0003 SCHURTER-6180.0003 Datasheet
256Kb / 3P
IEC Appliance Outlet D, Snap-in Mounting, Front Side, Solder Terminal
05.01.2022
logo
Lapp.
61800250 LAPP-61800250 Datasheet
566Kb / 4P
EPIC® CIRCON LS1
2004
61800260 LAPP-61800260 Datasheet
566Kb / 4P
EPIC® CIRCON LS1
2004
More results

Similar Description - 6180 4792

ManufacturerPart #DatasheetDescription
logo
Lapp.
52003130 LAPP-52003130 Datasheet
124Kb / 2P
SILVYN® SCH
08.05.2018
52005810 LAPP-52005810 Datasheet
91Kb / 2P
SILVYN® USK
04.07.2019
55501850 LAPP-55501850 Datasheet
205Kb / 2P
SILVYN® SSVZ-M
06.06.2023
55502470 LAPP-55502470 Datasheet
123Kb / 2P
SILVYN® MPC
03.07.2018
55502601 LAPP-55502601 Datasheet
111Kb / 2P
SILVYN® US-M EE / SILVYN® US EE
07.03.2019
55502611 LAPP-55502611 Datasheet
108Kb / 2P
SILVYN® US-M AS / SILVYN® US AS
07.03.2019
55506905 LAPP-55506905 Datasheet
121Kb / 2P
SILVYN® FCL
22.12.2020
55507000 LAPP-55507000 Datasheet
89Kb / 1P
SILVYN® FPAC
03.07.2018
55510700 LAPP-55510700 Datasheet
97Kb / 2P
SILVYN® HYGIENIC
03.07.2018
61803816 LAPP-61803816 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com