Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GP02 Datasheet(PDF) 2 Page - XP Power Limited

Part # GP02
Description  GP Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GP02 Datasheet(HTML) 2 Page - XP Power Limited

  GP02 Datasheet HTML 1Page - XP Power Limited GP02 Datasheet HTML 2Page - XP Power Limited GP02 Datasheet HTML 3Page - XP Power Limited GP02 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Notes:
1. Maximum rated output current is available at maximum rated output voltage and
derates linearly as input voltage is decreased.
2. Output voltage is load dependent. Under light or no-load conditions, reduce the
input voltage so maximum rated output voltage is not exceeded.
3. Specifications after 30 minute warm-up, full load, at 25°C unless otherwise
indicated.
4. Proper thermal management techniques are required to maintain safe case
temperature at maximum power output.
DC-HVDC CONVERTER
GP Series
2
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
6000
VDC
See Models & Ratings table
Output Current
5
mA
See Models & Ratings table
Output Voltage Tolerance
±3
%
At Max Vout, Full Load
Minimum Load
No minimum load required
Regulation
Unregulated, Output is proportional to Input. Unloaded output voltage is typically 10% higher than unloaded
Ripple and Noise
0.5
1.75
%
See Models & Ratings table
Response Time
20
msec
0 to Max Vout, Full Load [G01 to G60]
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
0.7
12
VDC
Input Current, Full Load
175
mA
See Models & Ratings table
Input Current, No Load
85
mA
See Models & Ratings table
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Isolation: Input to Output
3500
V
< ±3500 Bias
Switching Frequency
60
400
kHz
Construction
Case material is Diallyl Phthalate (DAP). UL 94 V-0 rated solid vacuum encapsulation
Mean Time Between Failure
2.31
Mhrs
Bellcore TR 332
General
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature (case)
-20
+70
°C
Storage Temperature
-20
+105
°C
Cooling
Natural convection
Humidity
95
%RH
Non-condensing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com