Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT-4625-TT-HT-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AT-4625-TT-HT-R
Description  2.5 kHz to 4.5 kHz bandpass design
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AT-4625-TT-HT-R Datasheet(HTML) 1 Page - PUI audio inc.

  AT-4625-TT-HT-R Datasheet HTML 1Page - PUI audio inc. AT-4625-TT-HT-R Datasheet HTML 2Page - PUI audio inc. AT-4625-TT-HT-R Datasheet HTML 3Page - PUI audio inc. AT-4625-TT-HT-R Datasheet HTML 4Page - PUI audio inc. AT-4625-TT-HT-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2020, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AT-4625-TT-HT-R
•
Wide 3 to 30 Vp-p operating voltage range
•
Able to create more than 90 dBA output at 3 meters
•
2.5 kHz to 4.5 kHz bandpass design
Specifications
Parameters
Values
Units
Rated Voltage
20
Vp-p
Operating Voltage Range
3 ~ 30
Vp-p
Current Draw
≤80
mA
Minimum SPL @ 10cm/1m*
120/100
dBA
Capacitance @ 120 Hz
140,000 ±30%
pF
Resonant Frequency
2500 ±500
Hz
Housing Material
PBT + 20% Glass Fiber
-
Weight
11
Grams
Acceptable Soldering Methods
Hand Solder, Wave
Solder
See Page 3 for details
Environmental Compliances
RoHS
-
Storage Temperature
-40 ~ +105
°C
Operating Temperature
-40 ~ +105
°C
*At rated voltage
Test Method


Similar Part No. - AT-4625-TT-HT-R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-400 HIROSE-AT-400 Datasheet
85Kb / 3P
Fixed Attenuators (N,BNC,TNC)
AT-401 HIROSE-AT-401 Datasheet
85Kb / 3P
Fixed Attenuators (N,BNC,TNC)
AT-401(40) HIROSE-AT-401(40) Datasheet
1Mb / 12P
50 ohms wide varieties standard connectors
AT-402 HIROSE-AT-402 Datasheet
85Kb / 3P
Fixed Attenuators (N,BNC,TNC)
AT-402(40) HIROSE-AT-402(40) Datasheet
1Mb / 12P
50 ohms wide varieties standard connectors
More results

Similar Description - AT-4625-TT-HT-R

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2851 KR-2851 Datasheet
50Kb / 2P
500 KHz bandpass filter
2869 KR-2869 Datasheet
97Kb / 2P
20 KHz bandpass filter
3026 KR-3026 Datasheet
40Kb / 3P
650 KHz Bandpass
3031 KR-3031 Datasheet
49Kb / 3P
727 KHz Bandpass
3113 KR-3113 Datasheet
225Kb / 3P
100 KHz Differential Bandpass
3117 KR-3117 Datasheet
58Kb / 3P
350 KHz Bandpass Filter
3205-BNC KR-3205-BNC Datasheet
149Kb / 3P
770 KHz Bandpass Filter
2436-90-SMA KR-2436-90-SMA Datasheet
183Kb / 3P
90 KHz Bandpass Filter
logo
ATMEL Corporation
U227B ATMEL-U227B Datasheet
324Kb / 18P
Carrier Frequency fosc 100 kHz to 150 kHz
logo
KR Electronics, Inc.
3317-SMA KR-3317-SMA Datasheet
197Kb / 3P
100 KHz Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com